Electronic Components Datasheet Search
  English  ▼

X  

Z0107MN Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # Z0107MN
Description  4 Quadrants Sensitive TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

Z0107MN Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  Z0107MN Datasheet HTML 1Page - Tiger Electronic Co.,Ltd Z0107MN Datasheet HTML 2Page - Tiger Electronic Co.,Ltd Z0107MN Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
3
Transistors
4 Quadrants Sensitive TRIAC
/
■
Typical Characterisitics
Fig 3. Gate power characteristics
Fig 4. Surge on state current rating
(Non-repetitive)
Fig 5. Gate trigger current vs.
junction temperature
Fig 6. Gate trigger voltage vs.
junction temperature
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
V+GT1
V-GT1
V+GT3
V-GT3
Junction temperature, T
J[
oC]
100
101
102
0
3
6
9
12
15
50Hz
60Hz
Time [cycles]
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I+GT3
Junction Temperature, T
J[
oC]
I+GT1
I-GT1
I-GT3
100
101
102
103
10-1
100
101
25[oC]
I+GT3
25[oC]
I+GT1
I-GT1
I-GT3
P
G(AV)(0.2W)
P
GM(2W)
V
GD
Gate current, I
G [mA]
Fig 7. Instantaneous on state current vs.
Instantaneous on state voltage
Fig 8. Thermal Impedance vs. pulse time
0
1
2
3
4
5
10-1
100
101
T
J=125
oC
Instantaneous on state voltage, V
T [V]
T
J=25
oC
10-2
10-1
100
101
100
101
102
103
Pulse Time [sec]
RS=0.16Ω
VTO=1.10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com