Electronic Components Datasheet Search
  English  ▼

X  

8623 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8623
Description  AXL F RTD4 1H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8623 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8623 Datasheet HTML 9Page - PHOENIX CONTACT 8623 Datasheet HTML 10Page - PHOENIX CONTACT 8623 Datasheet HTML 11Page - PHOENIX CONTACT 8623 Datasheet HTML 12Page - PHOENIX CONTACT 8623 Datasheet HTML 13Page - PHOENIX CONTACT 8623 Datasheet HTML 14Page - PHOENIX CONTACT 8623 Datasheet HTML 15Page - PHOENIX CONTACT 8623 Datasheet HTML 16Page - PHOENIX CONTACT 8623 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AXL F RTD4 1H
8623_en_01
PHOENIX CONTACT
13
9
Internal circuit diagram
Figure 1
Internal wiring of the terminal points
Key:
10
Terminal point assignment
Figure 2
Terminal point assignment
Local bus
Axioline F local bus
(hereinafter referred to as local bus)
Microprocessor
Optocoupler
Power supply unit with electrical isola-
tion
Analog/digital converter
Low pass filter
Hardware monitoring
Constant current source
Electrically isolated area
D
UA
E1
E2
4x
RTD IN
U
24 V
A
U
Bus
Local bus
C
#
Supervisor
FE
Supervisor
+5V DC
µC
Supervisor
Termi-
nal
point
Color
Assignment
Supply voltage input
a1, a2
Red
24 V DC
(U
A)
Analog module supply (in-
ternally bridged)
b1, b2
Blue
GND
Reference potential of the
supply voltage (internally
bridged)
Analog inputs
00 ... 03
Orange
U1+ ...
U4+
RTD sensor + chan-
nel 1 ... 4
10 ... 13
Orange
I1+ ... I4+
Constant current supply +
channel 1 ... 4
20 ... 23
Orange
I1- ... I4-
Constant current supply -
channel 1 ... 4
30 ... 33
Orange
U1- ... U4-
RTD sensor - chan-
nel 1 ... 4
03
00
13
10
23
20
33
30
a1
a2
b1
b2
00
10
20
30
01
11
21
31
02
12
22
32
03
13
23
33
a1
a2
b1
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com