Electronic Components Datasheet Search
  English  ▼

X  

8623 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8623
Description  AXL F RTD4 1H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8623 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8623 Datasheet HTML 16Page - PHOENIX CONTACT 8623 Datasheet HTML 17Page - PHOENIX CONTACT 8623 Datasheet HTML 18Page - PHOENIX CONTACT 8623 Datasheet HTML 19Page - PHOENIX CONTACT 8623 Datasheet HTML 20Page - PHOENIX CONTACT 8623 Datasheet HTML 21Page - PHOENIX CONTACT 8623 Datasheet HTML 22Page - PHOENIX CONTACT 8623 Datasheet HTML 23Page - PHOENIX CONTACT 8623 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AXL F RTD4 1H
8623_en_01
PHOENIX CONTACT
20
18
Standard objects
18.1
Objects for identification (device rating plate)
Index
(hex)
Object name
Object
type
Data type
A
L
Rights
Meaning
Contents
Manufacturer
0001
VendorName
Var
Visible String
1
16
R
Manufacturer name
Phoenix Contact
0002
VendorID
Var
Visible String
1
7
R
Manufacturer identifi-
cation
00A045
0003
VendorText
Var
Visible String
1
49
R
Comment on the
manufacturer
Components and
systems for indus-
trial automation
0012
VendorURL
Var
Visible String
1
30
R
URL of the manufac-
turer
http://www.phoenix-
contact.com
Module - general
0004
DeviceFamily
Var
Visible String
1
14
R
Device family
I/O analog IN
0006
ProductFamily
Var
Visible String
1
33
R
Product family
Axioline - High
speed I/O system
000E
CommProfile
Var
Visible String
1
4
R
Communication pro-
file
633
000F
DeviceProfile
Var
Visible String
1
5
R
Device profile
0010
0011
ProfileVersion
Record
Visible String
2
11; 22
R
Device profile version
2009-10-22; Basic -
Profile V1.12
003A
VersionCount
Array
Unsigned 16
4
4 * 2
R
Version counter
e. g., 0005 0000
0000 0000
Module - special
0005
Capabilities
Var
Visible String
1
8
R
Properties
Energ_0
0007
ProductName
Var
Visible String
1
17
R
Product designation
AXL F RTD4 1H ME
0008
SerialNo
Var
Visible String
1
11
R
Serial number
xxxxxxxxxx (e. g.,
0123456789)
0009
ProductText
Var
Visible String
1
24
R
Product text
4 analog input chan-
nels
000A
OrderNumber
Var
Visible String
1
8
R
Order No.
2688569
000B
HardwareVersion
Record
Visible String
2
11; 3
R
Hardware version
e. g., 2010-06-21; 01
000C
FirmwareVersion
Record
Visible String
2
11; 6
R
Firmware version
e. g., 2010-06-21;
V1.10
000D
PChVersion
Record
Visible String
2
11; 14
R
Parameter channel
version
E.g., 0000-00-00;
PDI-API V0.30
0037
DeviceType
Var
Octet string
1
8
R
Module identification
00 20 00 08 00 00 00
A4
hex
Use of the device
0014
Location
Var
Visible String
1
59
R/W
Installation location
Can be filled out by
the user.
0015
EquipmentIdent
Var
Visible String
1
59
R/W
Equipment identifier
Can be filled out by
the user.
0016
ApplDeviceAddr
Var
Unsigned 16
1
2
R/W
User-defined device
number
Can be filled out by
the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com