Electronic Components Datasheet Search
  English  ▼

X  

WS6264 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS6264
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS6264 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.0
4
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Rating
Unit
VTERM
Terminal Voltage with Respect to GND
-0.5 to Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
OC
TSTG
Storage Temperature
-65 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
50
mA
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0~70oC
4.5 ~ 5.5V
Industrial
-40~85oC
4.5 ~ 5.5V
CAPACITANCE(1)(TA=25℃,f=1.0MHz)
Symbol
Parameter
Conduction
MAX.
Unit
CIN
Input Capacitance
VIN=0V
8
pF
CDQ
Input/Output Capacitance
VDI/O=0V
10
pF
1.This parameter is guaranteed, and not 100% tested.
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com