Electronic Components Datasheet Search
  English  ▼

X  

WS6264 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WS6264
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WS6264 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 11Page - List of Unclassifed Manufacturers WS6264 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev. 1.0
8
AC TEST LOADS AND WAVEFORMS
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
AC ELECTRICAL CHARACTERISTICS ( 0℃~70℃;Vcc=5V )
< READ CYCLE >
-70
JEDEC
Name
Symbol
Description
MIN
MAX
Unit
tAVAX
tRC
Read Cycle Time
70
ns
tAVQV
tAA
Address Access Time
70
ns
tELQV
tACE
Chip Select Access Time
70
ns
tGLQV
tOE
Output Enable to Output Valid
40
ns
tELQX
tCLZ(5)
Chip Select to Output Low Z
10
ns
tGLQX
tOLZ(5)
Output Enable to Output in Low Z
5
ns
tEHQZ
tCHZ(5)
Chip Deselect to Output in High Z
0
35
ns
tGHQZ
tOHZ(5)
Output Disable to Output in High Z
0
30
ns
tAXOX
tOH
Address Change to Out Disable
10
ns
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com