Electronic Components Datasheet Search
  English  ▼

X  

WS6264LLP Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WS6264LLP
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLP Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WS6264LLP Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 9Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 10Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 11Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 12Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 1.0
10
NOTES:
1. /WE is high in read Cycle.
2. Device is continuously selected when /CE1 = VIL and CE2=VIH.
3. Address valid prior to or coincident with /CE1 transition low and /or CE2 transition high.
4. /OE = VIL.
5.
Transition is measured ±500mV from steady state with CL = 5pF as shown in Figure 1B. The parameter is
guaranteed but not 100% tested.
AC ELECTRICAL CHARACTERISTICS ( 0℃~70℃;Vcc=5V )
< WRITE CYCLE >
-70
JEDEC
Name
Symbol
Description
MIN
MAX
Unit
tAVAX
tWC
Write Cycle Time
70
ns
tE1LWH
tCW
Chip Select to End of Write
70
ns
tAVWL
tAS
Address Setup Time
0
ns
tAVWH
tAW
Address Valid to End of Write
70
ns
tWLWH
tWP
Write Pulse Width
50
ns
tWHAX
tWR
Write Recovery Time
0
ns
tWLQZ
tWHZ(10)
Write to Output in High Z
35
ns
tDVWH
tDW
Data to Write Time Overlap
40
ns
tWHDX
tDH
Data Hold for Write End
0
ns
tGHQZ
tOHZ(10)
Output Disable to Output in High Z
0
30
ns
tWHOX
tOW(10)
End of Write to Output Active
5
ns
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com