Electronic Components Datasheet Search
  English  ▼

X  

WS6264LLP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS6264LLP
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS6264LLP Datasheet HTML 1Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 2Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264
Rev. 1.0
1
GENERAL DESCRIPTION
The WS6264 is a high performance, high speed and super low power CMOS Static Random
Access Memory organized as 8,192 words by 8bits and operates from a single 4.5V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high speed, super low power features and
maximum access time of 70ns in 5.0V operation. Easy memory expansion is provided by using two chip
enable inputs (/CE1, CE2) and active LOW output enable (/OE).
The WS6264 has an automatic power down feature, reducing the power consumption significantly
when chip is deselected. The WS6264 is available in JEDEC standard 28-pin SOP(300 mil) and PDIP
(600 mil) packages.
FEATURES
Operation voltage : 4.5 ~ 5.5V
Ultra low power consumption:
Operating current 1mA@1MHz & CMOS standby current 1.0uA (Typ.) in Vcc=5.0V
High speed access time: 70ns.
Automatic power down when chip is deselected.
Three state outputs and TTL compatible.
Data retention supply voltage as low as 2.0V.
Easy expansion with /CE1, CE2 and /OE options.
PRODUCT FAMILY
Product Family
Operating Temp.
Vcc Range
Speed (ns)
Standby Current (Typ.)
ICCSB1
Package Type
28 SOP
0~70
oC
70
1.0uA
28 SOP
28 PDIP
WS6264LLP
-40~85
oC
4.5~5.5V
70
1.0uA
28 PDIP
WS6264LLFPI
WS6264LLFP
WS6264LLPI


Similar Part No. - WS6264LLP

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS628128 WINGS-WS628128 Datasheet
392Kb / 10P
VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT
WS628128LLFP-70 WINGS-WS628128LLFP-70 Datasheet
392Kb / 10P
VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT
More results

Similar Description - WS6264LLP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
Ultra Low Power/High Speed CMOS SRAM
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
HIgh Speed Super Low Power SRAM
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
High Speec Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
HIGH SPEED SUPER LOW POWER SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com