Electronic Components Datasheet Search
  English  ▼

X  

AD5429 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5429
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5429 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5429 Datasheet HTML 3Page - Analog Devices AD5429 Datasheet HTML 4Page - Analog Devices AD5429 Datasheet HTML 5Page - Analog Devices AD5429 Datasheet HTML 6Page - Analog Devices AD5429 Datasheet HTML 7Page - Analog Devices AD5429 Datasheet HTML 8Page - Analog Devices AD5429 Datasheet HTML 9Page - Analog Devices AD5429 Datasheet HTML 10Page - Analog Devices AD5429 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VREF, RFB to GND
−12 V to +12 V
IOUT1, IOUT2 to GND
−0.3 V to +7 V
Input Current to Any Pin except Supplies
±10 mA
Logic Inputs and Output1
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP θJA Thermal Impedance
150°C/W
Lead Temperature, Soldering (10 s)
300°C
IR Reflow, Peak Temperature (< 20 s)
235°C
1 Overvoltages at SCLK, SYNC, and DIN are clamped by internal diodes.
Current should be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
Transient currents of up to 100 mA do not cause SCR latch-up.
TA = 25°C unless otherwise noted.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com