Electronic Components Datasheet Search
  English  ▼

X  

AD5429 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5429
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5429 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5429 Datasheet HTML 12Page - Analog Devices AD5429 Datasheet HTML 13Page - Analog Devices AD5429 Datasheet HTML 14Page - Analog Devices AD5429 Datasheet HTML 15Page - Analog Devices AD5429 Datasheet HTML 16Page - Analog Devices AD5429 Datasheet HTML 17Page - Analog Devices AD5429 Datasheet HTML 18Page - Analog Devices AD5429 Datasheet HTML 19Page - Analog Devices AD5429 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 16 of 32
BIPOLAR OPERATION
In some applications, it might be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing.
This can be easily accomplished by using another external
amplifier and three external resistors, as shown in Figure 38.
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication. When connected in bipolar mode, the output
voltage is
(
)
REF
n
REF
OUT
V
D
V
V
−
×
=
−1
2
/
where D is the fractional representation of the digital word
loaded to the DAC, and n is the number of bits.
D = 0 to 255 (AD5429)
= 0 to 1023 (AD5439)
= 0 to 4095 (AD5449)
Table 6 shows the relationship between digital code and the
expected output voltage for bipolar operation with the AD5429.
Table 6. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (2047/2048)
1000 0000
0
0000 0001
−VREF (2047/2048)
0000 0000
−VREF (2048/2048)
STABILITY
In the I-to-V configuration, the IOUT of the DAC and the
inverting node of the op amp must be connected as closely as
possible, and proper PCB layout techniques must be employed.
Because every code change corresponds to a step function, gain
peaking can occur, if the op amp has limited GBP and there is
excessive parasitic capacitance at the inverting node. This
parasitic capacitance introduces a pole into the open loop
response, which can cause ringing or instability in the closed-
loop applications circuit.
As shown in Figure 37 and Figure 38, an optional compensation
capacitor, C1, can be added in parallel with RFB for stability. Too
small a value of C1 can produce ringing at the output, while too
large a value can adversely affect the settling time. C1 should be
found empirically, but 1 pF to 2 pF is generally adequate for the
compensation.
IOUT1A
IOUT2A
AD5429/
AD5439/
AD5449
VREF
VDD
C1
A1
VOUT =–VREF TO +VREF
R2
VDD
VREF ±10V
SDIN
SCLK
SYNC
µCONTROLLER
A2
R4
10k
Ω
R5
20k
Ω
NOTES:
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS
3. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
4. DAC B AND ADDITIONAL PINS OMITTED FOR CLARITY.
IF A1/A2 IS A HIGH SPEED AMPLIFIER.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
R3 AND R4.
R3
20k
Ω
R1
RFBA
AGND
GND
Figure 38. Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com