Electronic Components Datasheet Search
  English  ▼

X  

AD5405 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5405
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5405 Datasheet HTML 14Page - Analog Devices AD5405 Datasheet HTML 15Page - Analog Devices AD5405 Datasheet HTML 16Page - Analog Devices AD5405 Datasheet HTML 17Page - Analog Devices AD5405 Datasheet HTML 18Page - Analog Devices AD5405 Datasheet HTML 19Page - Analog Devices AD5405 Datasheet HTML 20Page - Analog Devices AD5405 Datasheet HTML 21Page - Analog Devices AD5405 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5405
Data Sheet
Rev. D | Page 18 of 24
PARALLEL INTERFACE
Data is loaded into the AD5405 in a 12-bit parallel word format.
Control lines CS and R/W allow data to be written to or read from
the DAC register. A write event takes place when CS and R/W
are brought low, data available on the data lines fills the shift
register, and the rising edge of CS latches the data and transfers
the latched data-word to the DAC register. The DAC latches are
not transparent; therefore, a write sequence must consist of a
falling and rising edge on CS to ensure that data is loaded into
the DAC register and that its analog equivalent is reflected on
the DAC output. A read event takes place when R/W is held high
and CS is brought low. Data is loaded from the DAC register, goes
back into the input register, and is output onto the data line, where
it can be read back to the controller for verification or diagnostic
purposes. The input and DAC registers of these devices are not
transparent; therefore, a falling and rising edge of CS is required
to load each data-word.
MICROPROCESSOR INTERFACING
ADSP-21xx Processors to AD5405 Interface
Figure 37 shows the AD5405 interfaced to the ADSP-21xx series
of DSPs as a memory-mapped device. A single wait state may be
necessary to interface the AD5405 to the ADSP-21xx, depending
on the clock speed of the DSP. The wait state can be programmed
via the data memory wait state control register of the ADSP-21xx
(see the ADSP-21xx family user manual for details).
R/W
DB0 TO DB11
AD54051
ADDRESS
DECODER
CS
DATA 0 TO
DATA 23
ADDRESS BUS
ADDR0 TO
ADRR13
ADSP-21xx1
DATA BUS
DMS
WR
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. ADSP-21xx to AD5405 Interface
8xC51 to AD5405 Interface
Figure 38 shows the interface between the AD5405 and the
8xC51 family of DSPs. To facilitate external data memory access,
the address latch enable (ALE) mode is enabled. The low byte of
the address is latched with this output pulse during access to the
external memory. AD0 to AD7 are the multiplexed low order
addresses and data bus; they require strong internal pull-ups when
emitting 1s. During access to external memory, A8 to A15 are
the high order address bytes. Because these ports are open
drained, they also require strong internal pull-ups when
emitting 1s.
R/W
DB0 TO DB11
AD54051
ADDRESS
DECODER
CS
AD0 TO AD7
ADDRESS BUS
A8 TO A15
80511
DATA BUS
WR
1ADDITIONAL PINS OMITTED FOR CLARITY.
8-BIT
LATCH
ALE
Figure 38. 8xC51 to AD5405 Interface
ADSP-BF504 to ADSP-BF592 Device Family to AD5405
Interface
Figure 39 shows a typical interface between the AD5405 and the
ADSP-BF504 to ADSP-BF592 family of DSPs. The asynchronous
memory write cycle of the processor drives the digital inputs of
the DAC. The AMSx line is actually four memory select lines.
Internal ADDR lines are decoded into AMS3–0; these lines are
then inserted as chip selects. The rest of the interface is a
standard handshaking operation.
R/W
DB0 TO DB11
AD54051
ADDRESS
DECODER
CS
DATA 0 TO
DATA 23
ADDRESS BUS
ADDR1 TO
ADRR19
ADSP-BF5xx1
DATA BUS
AMSx
AWE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 39. ADSP-BF504 to ADSP-BF592 Device Family to AD5405 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com