Electronic Components Datasheet Search
  English  ▼

X  

NLSB06S01 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NLSB06S01
Description  BLUE STANDARD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NLSB06S01 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NLSB06S01 Datasheet HTML 1Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 2Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 3Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 4Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 5Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 6Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 7Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 8Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 9Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NICHIA STS-DA1-1235B <Cat.No.131111>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
400
mA
Allowable Reverse Current
IR
50
mA
Operating Temperature
Topr
20 ~ 30
°C
Storage Temperature
Tstg
0 ~ 40
°C
Platinum Resistance
Temperature Device (RTD)
Current
Ipt
2
mA
Peltier Device Current
Ipel
-1 ~ 1
A
Peltier Device Voltage
Vpel
-3.2 ~ 3.2
V
* Absolute maximum ratings at TA = 25°C.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ.
Unit
Forward Voltage
VF
Tpt = 55°C, IF = 350 mA
3.4
V
Luminous Flux
Φ
v
Tpt = 55°C, IF = 350 mA
15
lm
Radiant flux
Φ
e
Tpt = 55°C, IF = 350 mA
225
mW
x
-
Tpt = 55°C, IF = 350 mA
0.13
-
Chromaticity
Coordinate
y
-
Tpt = 55°C, IF = 350 mA
0.06
-
* Characteristics at TA = 25°C.
* The typical values of luminous flux and radiant flux are traceable to the CIE 127:2007-compliant national standards.
* The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram.
* Platinum RTD temperature (Tpt) must be controlled between 50°C and 60°C.
* The LED incorporated into the socket was characterized.
* The product seasoned for 200 hours at TA = 25°C, IF = 350 mA was characterized.
(3) Lumen Maintenance
* Guaranteed maximum fluctuation of luminous flux is ±3% of the initial value
up to 100 hours of continuous operation at TA = 25°C, Tpt = 55°C (±0.03°C), and IF = 350 mA (±0.1%).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com