Electronic Components Datasheet Search
  English  ▼

X  

NLSB06S01 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NLSB06S01
Description  BLUE STANDARD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NLSB06S01 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NLSB06S01 Datasheet HTML 1Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 2Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 3Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 4Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 5Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 6Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 7Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 8Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 9Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NICHIA STS-DA1-1235B <Cat.No.131111>
2
DIRECTIONS FOR USE
(1) Auxiliary Equipment and System Requirements
● The following figure shows how the Luminous Flux Standard LED is connected.
Recommended specifications for the peripheral equipment
Peltier Controller
PID Controller
Temperature measurement accuracy of ±0.03°C.
Constant Current Power Supply for LED
Drive current accuracy: ≤ 0.1% of the set current
Digital Multimeter for Forward Voltage Measurements
Input impedance: ≥ 1 GΩ
(2) Installation
● The following figure shows how the product should be held by a holder.
(3) Measurement
● The product should be measured when luminous flux or radiant flux has stabilized after the start of
temperature control and constant current drive.
Typically, this product will be stable and ready to be used for calibration within 1 to 3 minutes.
Please refer to “STABILITY” on the following page for the characteristics during the first 5 minutes
after the LED starts emission.
This product
Peltier Controller
Constant Current Power
Supply for LED
Digital Multimeter
for Forward Voltage
Measurements



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com