Electronic Components Datasheet Search
  English  ▼

X  

MSC7165 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC7165
Description  16-Bit Grid Driver with 4 to 16-Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7165 Datasheet(HTML) 6 Page - OKI electronic componets

  MSC7165 Datasheet HTML 1Page - OKI electronic componets MSC7165 Datasheet HTML 2Page - OKI electronic componets MSC7165 Datasheet HTML 3Page - OKI electronic componets MSC7165 Datasheet HTML 4Page - OKI electronic componets MSC7165 Datasheet HTML 5Page - OKI electronic componets MSC7165 Datasheet HTML 6Page - OKI electronic componets MSC7165 Datasheet HTML 7Page - OKI electronic componets MSC7165 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
MSC7165
¡ Semiconductor
ELECTRICAL CHARACTERISTICS
DC Characteristics
AC Characteristics
90%
50%
10%
tr
90%
50%
10%
tf
tTLH
tTHL
90%
10%
90%
10%
DUTY
SELn
GRIDn
tDLH
tDHL
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Logic Supply Voltage
IDD1
No load, 1 output H
—
6.0
mA
IDD2
No load, DUTY=L
—
6.0
mA
Driver Supply Voltage
IDISP1
No load, 1 output H
–6.0
—
mA
IDISP2
No load, DUTY=L
–6.0
—
mA
High Level Input Current
IIH
——±1
µA
Low Level Input Current
IIL
——±1
µA
High Level Output Voltage
VOH
IOH=–40mA
VDD–4
—
—
V
Low Level Output Voltage
VOL
IOL=1mA
—
—
VDISP(–)
+2.5
V
(VDD=4.5 to 5.5V, VDISP(–)=–60 to –5V, Ta=–40 to +85°C)
—
—
—
—
—
—
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Delay Time L to H
tDLH
CL=10pF, See figure below
—
1.5
µs
tTLH
CL=10pF, See figure below
—
4.0
µs
tDHL
CL=10pF, See figure below
—
1.0
µs
tTHL
CL=10pF, See figure below
—
4.0
µs
(VDD=4.5 to 5.5V, VDISP(–)=–60 to –5V, Ta=–40 to +85°C)
Transient Time L to H
Delay Time H to L
Transient Time H to L
2.0
0.3
2.0
0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com