Electronic Components Datasheet Search
  English  ▼

X  

MSC7165 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC7165
Description  16-Bit Grid Driver with 4 to 16-Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7165 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC7165 Datasheet HTML 1Page - OKI electronic componets MSC7165 Datasheet HTML 2Page - OKI electronic componets MSC7165 Datasheet HTML 3Page - OKI electronic componets MSC7165 Datasheet HTML 4Page - OKI electronic componets MSC7165 Datasheet HTML 5Page - OKI electronic componets MSC7165 Datasheet HTML 6Page - OKI electronic componets MSC7165 Datasheet HTML 7Page - OKI electronic componets MSC7165 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
MSC7165
¡ Semiconductor
GENERAL DESCRIPTION
The MSC7165 is a driver IC designed to directly drive the grids of a vacuum fluorescent display
tube.
Since this IC has a built-in 4 to 16-line decoder and 16 output circuits, a single device of MSC7165
can replace a set of the following three: two devices of either MSL915 or MSL917 and one device
of either MSM4514 or MSM74HC4514.
Setting the DUTY pin to the "L" level makes all driver outputs go "L". Blanking can be set using
this function.
FEATURES
• Logic supply voltage
: 5V
• Driver supply voltage
: –60V
• Driver output current
IOH : –40mA
IOL : 1mA
• Can be connected directly to VFD without a pull-down resistor
• Built-in 4 to 16-line decoder
• Brightness can be adjusted by the DUTY pin
• Package:
24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSC7165GS-K)
¡ Semiconductor
MSC7165
16-Bit Grid Driver with 4 to 16-Decoder
E2C0031-27-Y2
This version: Nov. 1997
Previous version: Jul. 1996


Similar Part No. - MSC7165

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7166 OKI-MSC7166 Datasheet
84Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
More results

Similar Description - MSC7165

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC7166 OKI-MSC7166 Datasheet
84Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
4-BIT LATCH/4-TO-16 LINE DECODER
Jun-1989
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
4-to-16 Line Decoder with Latch
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
4-bit Latch/4-to-16-line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
4-bit Latch/4-to-16-line Decoder
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514_03 Datasheet
78Kb / 7P
4-to-16 Line Decoder with Latch
logo
Toshiba Semiconductor
TC74HC154AP TOSHIBA-TC74HC154AP Datasheet
318Kb / 7P
4-to-16 Line Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com