Electronic Components Datasheet Search
  English  ▼

X  

AD5546 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5546
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5546 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5546 Datasheet HTML 11Page - Analog Devices AD5546 Datasheet HTML 12Page - Analog Devices AD5546 Datasheet HTML 13Page - Analog Devices AD5546 Datasheet HTML 14Page - Analog Devices AD5546 Datasheet HTML 15Page - Analog Devices AD5546 Datasheet HTML 16Page - Analog Devices AD5546 Datasheet HTML 17Page - Analog Devices AD5546 Datasheet HTML 18Page - Analog Devices AD5546 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 15 of 32
GENERAL DESCRIPTION
The AD5429/AD5439/AD5449 are 8-, 10-, and 12-bit dual-
channel current output DACs consisting of a standard inverting
R−2R ladder configuration. A simplified diagram of one DAC
channel for the AD5449 is shown in Figure 36. The feedback
resistor RFB has a value of R. The value of R is typically 10 kΩ
(minimum 8 kΩ and maximum 12 kΩ). If IOUT1 and IOUT2 are
kept at the same potential, a constant current flows in each
ladder leg, regardless of digital input code. Therefore, the input
resistance presented at VREF is always constant.
2R
S1
2R
S2
2R
S3
2R
S12
2R
DAC DATA LATCHES
AND DRIVERS
2R
RFBA
IOUT1A
IOUT2A
VREFA
RR
R
Figure 36. Simplified Ladder
Access is provided to the VREF, RFB, IOUT1, and IOUT2 terminals of
the DACs, making the devices extremely versatile and allowing
them to be configured in several operating modes, such as
unipolar mode, bipolar output mode, or single-supply mode.
UNIPOLAR MODE
Using a single op amp, these devices can easily be configured to
provide 2-quadrant multiplying operation or a unipolar output
voltage swing, as shown in Figure 37.
When an output amplifier is connected in unipolar mode, the
output voltage is given by
n
REF
OUT
D
V
V
2
/
×
−
=
where D is the fractional representation of the digital word
loaded to the DAC, and n is the number of bits.
D = 0 to 255 (AD5429)
= 0 to 1023 (AD5439)
= 0 to 4095 (AD5449)
With a fixed 10 V reference, the circuit shown in Figure 37 gives
a unipolar 0 V to −10 V output voltage swing. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication.
Table 5 shows the relationship between digital code and the
expected output voltage for unipolar operation for the AD5429.
Table 5. Unipolar Code Table
Digital Input
Analog Output (V)
1111 1111
−VREF (4095/4096)
1000 0000
−VREF (2048/4096) = −VREF/2
0000 0001
−VREF (1/4096)
0000 0000
−VREF (0/4096) = 0
AD5429/
AD5439/
AD5449
NOTES:
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
3. DAC B OMITTED FOR CLARITY.
IOUT1A
IOUT2A
VREF
VDD
C1
A1
VOUT = 0V TO –VREF
AGND
R2
VDD
VREF
SDIN
GND
SCLK
SYNC
µCONTROLLER
RFBA
R1
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 37. Unipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com