Electronic Components Datasheet Search
  English  ▼

X  

AD5546 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5546
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5546 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5546 Datasheet HTML 19Page - Analog Devices AD5546 Datasheet HTML 20Page - Analog Devices AD5546 Datasheet HTML 21Page - Analog Devices AD5546 Datasheet HTML 22Page - Analog Devices AD5546 Datasheet HTML 23Page - Analog Devices AD5546 Datasheet HTML 24Page - Analog Devices AD5546 Datasheet HTML 25Page - Analog Devices AD5546 Datasheet HTML 26Page - Analog Devices AD5546 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 23 of 32
MC68HC11 to AD5429/AD5439/AD5449 Interface
Figure 50 is an example of a serial interface between the DAC
and the MC68HC11 microcontroller. The serial peripheral
interface (SPI) on the MC68HC11 is configured for master
mode (MSTR) = 1, clock polarity bit (CPOL) = 0, and the
clock phase bit (CPHA) = 1. The SPI is configured by writing
to the SPI control register (SPCR)—see the 68HC11 User
Manual. The SCK of the 68HC11 drives the SCLK of the DAC
interface; the MOSI output drives the serial data line (D
IN) of
the AD5429/AD5439/AD5449.
The SYNC signal is derived from a port line (PC7). When data
is being transmitted to the AD5429/AD5439/AD5449, the
SYNC line is taken low (PC7). Data appearing on the MOSI
output is valid on the falling edge of SCK. Serial data from the
68HC11 is transmitted in 8-bit bytes with only 8 falling clock
edges occurring in the transmit cycle. Data is transmitted MSB
first. To load data to the DAC, PC7 is left low after the first eight
bits are transferred, and a second serial write operation is
performed to the DAC. PC7 is taken high at the end of this
procedure.
SCLK
SCK
AD5429/AD5439/
AD5449*
SYNC
PC7
SDIN
MOSI
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 50. MCH68HC11/68L11 to AD5429/AD5439/AD5449 Interface
If the user wants to verify the data previously written to the
input shift register, the SDO line can be connected to MISO of
the MC68HC11, and, with SYNC low, the shift register clocks
data out on the rising edges of SCLK.
MICROWIRE to AD5429/AD5439/AD5449 Interface
Figure 51 shows an interface between the DAC and any
MICROWIRE compatible device. Serial data is shifted out on
the falling edge of the serial clock, SK, and is clocked into the
DAC input shift register on the rising edge of SK, which
corresponds to the falling edge of the DAC’s SCLK.
SCLK
SK
MICROWIRE*
SYNC
CS
SDIN
SO
AD5429/AD5439/
AD5449*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 51. MICROWIRE to AD5429/AD5439/AD5449 Interface
PIC16C6x/7x to AD5429/AD5439/AD5449
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit (CKP) = 0. This is
done by writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual.
In this example, the I/O port RA1 is used to provide a SYNC
signal and enable the serial port of the DAC. This micro-
controller transfers only eight bits of data during each serial
transfer operation; therefore, two consecutive write operations
are required. Figure 52 shows the connection diagram.
SCLK
SCK/RC3
PIC16C6x/7x*
SYNC
RA1
SDIN
SDI/RC4
AD5429/AD5439/
AD5449*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 52. PIC16C6x/7x to AD5429/AD5439/AD5449 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com