Electronic Components Datasheet Search
  English  ▼

X  

PCN11 Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN11 Datasheet HTML 2Page - Hirose Electric PCN11 Datasheet HTML 3Page - Hirose Electric PCN11 Datasheet HTML 4Page - Hirose Electric PCN11 Datasheet HTML 5Page - Hirose Electric PCN11 Datasheet HTML 6Page - Hirose Electric PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric PCN11 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
A91
qKey Header
(Board thickness: 2.4mm)
PCN11(A)-*P-2.54KH
<Connectors to correspond to PCN11(A)-*P-2.54KH are HIF3BA-*D-2.54R, HIF3BA-*D-2.54C and HIF3C-*D-2.54C.>
CL No.
Part Number
583-1000-4
583-1001-7
583-1002-0
583-1003-2
583-1004-5
583-1005-8
583-1006-0
583-1007-3
583-1008-6
583-1034-6
583-1009-9
583-1035-9
583-1010-8
583-1036-1
PCN11A-10P-2.54KH
PCN11A-14P-2.54KH
PCN11A-16P-2.54KH
PCN11A-20P-2.54KH
PCN11A-26P-2.54KH
PCN11A-30P-2.54KH
PCN11A-34P-2.54KH
PCN11A-40P-2.54KH
PCN11A-50P-2.54KH
PCN11A-50P-2.54KH
PCN11A-60P-2.54KH
PCN11A-60P-2.54KH
PCN11A-64P-2.54KH
PCN11A-64P-2.54KH
Number of Contacts
10
14
16
20
26
30
34
40
50
50
60
60
64
64
A
19.36
24.44
26.98
32.06
39.66
44.76
49.86
57.46
70.16
70.16
82.86
82.86
87.96
87.96
B
17.5
22.58
25.12
30.2
37.8
42.9
48
55.6
68.3
68.3
81
81
86.1
86.1
C
10.16
15.24
17.78
22.86
30.48
35.56
40.64
48.26
60.96
60.96
73.66
73.66
78.74
78.74
D
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
26.96
4.1
26.96
4.1
26.96
4.1
Unit:mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com