Electronic Components Datasheet Search
  English  ▼

X  

PCN11 Datasheet(PDF) 19 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 19 Page - Hirose Electric

Back Button PCN11 Datasheet HTML 12Page - Hirose Electric PCN11 Datasheet HTML 13Page - Hirose Electric PCN11 Datasheet HTML 14Page - Hirose Electric PCN11 Datasheet HTML 15Page - Hirose Electric PCN11 Datasheet HTML 16Page - Hirose Electric PCN11 Datasheet HTML 17Page - Hirose Electric PCN11 Datasheet HTML 18Page - Hirose Electric PCN11 Datasheet HTML 19Page - Hirose Electric PCN11 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
A104
BPress fit machine
Mechanical size
Weight
Drive source
Press pressure source
Board size
(Width) 1330 x (depth) 1600 x (height) 2000mm
1000kg approx.
Hydraulic output :5t max.
600 x 800 mm max.
sRecommended Press fit Through-hole
(1) Ø0.8
Drill dia.
Ø0.9±0.025
Finish dia.
Ø0.8±0.08
Copper plating 20µm min.
Solder plating 5 to 10µm
(2) Ø0.9
Drill dia.
Ø1.0±0.025
Finish dia.
Ø0.9±0.08
Copper plating 20µm min.
Solder plating 5 to 10µm
(3) Ø1.0
Drill dia.
Ø1.1±0.025
Finish dia.
Ø1.0±0.08
Copper plating 20µm min.
Solder plating 5 to 10µm
sApplicable Board Material and Board Thickness
qt=2.4mm (Board thickness tolerance: ±0.2mm)
qMaterial: FR-4, G-10, polyamid
qFeatures
qBy changing the board bed and punch tooling, various connectors can be press fitted.
qThe easy height adjustment mechanism allows to obtain a proper pressure height to the board thickness.
qBy programming the pre-inserted connector, continuous press-insertion services can proceed.
200V AC
Air supply source: normally 5kg/cm2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com