Electronic Components Datasheet Search
  English  ▼

X  

FPD85308 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button FPD85308 Datasheet HTML 22Page - National Semiconductor (TI) FPD85308 Datasheet HTML 23Page - National Semiconductor (TI) FPD85308 Datasheet HTML 24Page - National Semiconductor (TI) FPD85308 Datasheet HTML 25Page - National Semiconductor (TI) FPD85308 Datasheet HTML 26Page - National Semiconductor (TI) FPD85308 Datasheet HTML 27Page - National Semiconductor (TI) FPD85308 Datasheet HTML 28Page - National Semiconductor (TI) FPD85308 Datasheet HTML 29Page - National Semiconductor (TI) FPD85308 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
APPENDIX A: GPO Programming
Examples
The GPO control generation is based on the internal line
count and pixel count shown in
Figure 9 and Figure 10.Two
programmable registers (Vertical Start and Vertical Duration)
control the vertical component of the control signal. This
establishes at what line and for how many lines the control
signal will be active. Likewise, two programmable registers
(Horizontal Start and Horizontal Duration) control the hori-
zontal component of the control signal. The Horizontal reg-
ister values determine at what pixel count the signal goes
active and for how many pixel counts the signal stays active
during each line. The Vertical Component enables the signal
for however many lines programmed for and the Horizontal
Component generates pulses within that vertical time period.
Generally the following types of signals are generated:
1.
DC (either 1 or 0)
2.
A pulse every line
3.
A pulse once a frame (either in pixels or lines)
4.
Pulsed during active video (pulses are blanked during
vertical blanking period of frame)
Table 4 describes the programming requirements for general
types of pulses generated.
The GPO’s also have a “toggle mode”. This provides the
capability to generate a “REVERSAL” signal used in most
LCD applications. Bit 1 of the Control register is set toa1to
enable toggle mode operation. The GPO is programmed so
that a rising edge is produced when the control signal is
required to toggle. This generally occurs once each line.
Also, the # of edges generated per frame is programmed to
be an odd #. This ensures that the control signal will alter-
nate polarity from frame to frame.
Examples of GPO programming to produce specific control
signals are included in the following pages.
TABLE 4. GPO Pulse Generation
Vertical
Start
Vertical
Duration
Horizontal
Start
Horizontal
Duration
GPO Output
=don’t care
=0
=0
=0
Stuck 0 (When Output Polarity = 0)
Stuck 1 (When Output Polarity = 1)
Polarity control is in GPO Control Register bit 0
=don’t care
=0
#A
=0
Stuck 1 (When Output Polarity = 0)
Stuck 0 (When Output Polarity = 1)
Polarity control is in GPO Control Register bit 0
=don’t care
=0
#A
#B
(Note 29)
Pulse is generated every line beginning at
∼#A
32 MHz clocks from start of output line and lasting for
#B 32 MHz clocks
#A
#B
#C
=0
Pulse begins at line #A , clock #C and continues to
line #(A+B) pixel #C (multi-line pulse)
#A
#B
#C
#D
(Note 29)
Pulse generation begins at line A and continues for #B
lines. Each pulse begins at
∼pixel #C and lasts for D
counts
Note 29: Pulses will occur every other line if Horizontal Duration is greater than a line time.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com