Electronic Components Datasheet Search
  English  ▼

X  

2866365 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2866365
Description  TRIO-UPS/1AC/24DC/5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2866365 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2866365 Datasheet HTML 1Page - PHOENIX CONTACT 2866365 Datasheet HTML 2Page - PHOENIX CONTACT 2866365 Datasheet HTML 3Page - PHOENIX CONTACT 2866365 Datasheet HTML 4Page - PHOENIX CONTACT 2866365 Datasheet HTML 5Page - PHOENIX CONTACT 2866365 Datasheet HTML 6Page - PHOENIX CONTACT 2866365 Datasheet HTML 7Page - PHOENIX CONTACT 2866365 Datasheet HTML 8Page - PHOENIX CONTACT 2866365 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© PHOENIX CONTACT - 2009-09-01
104103_en_00
INTERFACE
TRIO-UPS/1AC/24DC/5
Data sheet
1Description
The TRIO-UPS/1AC/24DC/5 provides an uninterruptible
24 V DC voltage at a maximum load current of up to 5 A in
both an error-free AC power supply network and in the event
of power failure.
It is designed specifically for supplying industrial PCs (IPC).
The power supply unit and the electronic switch-over unit are
housed in the same housing.
In the event of supply voltage failure, buffer mode is
activated without interruption. In this operating mode, the
output voltage is directly dependent on the battery voltage.
In the event of a voltage dip, the IPC continues operating
without interruption, thus increasing system availability.
Uncontrolled shutdown is avoided.
The TRIO-UPS/1AC/24DC/5 can be parameterized using a
service PC and the UPS-CONF configuration and
management software via an IFS-USB-PROG-ADAPTER.
For convenient parameter transfer between various TRIO-
UPS devices, the IFS-CONFSTICK configuration stick is
available as an option.
Features
–Space-saving
The TRIO-UPS combines a power supply unit and
electronic switch-over unit in the same housing
–
Flexible
Rechargeable battery module with 1.3, 3.4, 7.2 or 12 Ah
–
Autonomous
In the event of AC mains failure, the industrial PC
continues operating without interruption
–Time-saving
When the supply voltage is reapplied, the industrial PC
starts automatically
–
Parameterizable
Can be parameterized with the PC or configuration stick
DANGER
Never carry out work when voltage is present.
The device contains dangerous live elements and high levels of stored energy.
Depending on the ambient temperature and load, the housing can become very hot.
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.net/download.
This data sheet is valid for all products listed under "Ordering data" on page 3.
Uninterruptible power supply with integrated power
supply unit


Similar Part No. - 2866365

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2866310 PHOENIX-2866310 Datasheet
149Kb / 6P
TRIO-PS/1AC/24DC/ 5
2866323 PHOENIX-2866323 Datasheet
142Kb / 6P
TRIO-PS/1AC/24DC/10
2866378 PHOENIX-2866378 Datasheet
84Kb / 6P
DC/DC converters - QUINT-PS- 24DC/24DC/10
11/05/2018
2866381 PHOENIX-2866381 Datasheet
146Kb / 6P
TRIO-PS/1AC/24DC/20
2866394 PHOENIX-2866394 Datasheet
150Kb / 6P
TRIO-PS/ 3AC/24DC/20
More results

Similar Description - 2866365

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903148 PHOENIX-2903148 Datasheet
87Kb / 7P
Power supply unit - TRIO-PS-2G/1AC/24DC/5
105897 PHOENIX-105897 Datasheet
734Kb / 26P
TRIO-PS-2G/1AC/24DC/10/BD
2866268 PHOENIX-2866268 Datasheet
149Kb / 6P
TRIO-PS/1AC/24DC/ 2.5
2866310 PHOENIX-2866310 Datasheet
149Kb / 6P
TRIO-PS/1AC/24DC/ 5
2866323 PHOENIX-2866323 Datasheet
142Kb / 6P
TRIO-PS/1AC/24DC/10
2866381 PHOENIX-2866381 Datasheet
146Kb / 6P
TRIO-PS/1AC/24DC/20
2866475 PHOENIX-2866475 Datasheet
128Kb / 6P
TRIO-PS/ 1AC/12DC/ 5
2866491 PHOENIX-2866491 Datasheet
131Kb / 6P
TRIO-PS/ 1AC/48DC/ 5
2907160 PHOENIX-2907160 Datasheet
107Kb / 8P
Uninterruptible power supply - TRIO-UPS-2G/1AC/24DC/5
09/12/2020
2907161 PHOENIX-2907161 Datasheet
110Kb / 8P
Uninterruptible power supply - TRIO-UPS-2G/1AC/24DC/10
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com