Electronic Components Datasheet Search
  English  ▼

X  

2866365 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2866365
Description  TRIO-UPS/1AC/24DC/5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2866365 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2866365 Datasheet HTML 8Page - PHOENIX CONTACT 2866365 Datasheet HTML 9Page - PHOENIX CONTACT 2866365 Datasheet HTML 10Page - PHOENIX CONTACT 2866365 Datasheet HTML 11Page - PHOENIX CONTACT 2866365 Datasheet HTML 12Page - PHOENIX CONTACT 2866365 Datasheet HTML 13Page - PHOENIX CONTACT 2866365 Datasheet HTML 14Page - PHOENIX CONTACT 2866365 Datasheet HTML 15Page - PHOENIX CONTACT 2866365 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TRIO-UPS/1AC/24DC/5
104103_en_00
PHOENIX CONTACT
13
9
Method of operation
9.1
Output voltage
In mains operation (AC input voltage present) the output
voltage of the TRIO-UPS corresponds to the setting at the
potentiometer
4. In the event of supply voltage failure,
battery mode is activated without interruption. The output
voltage is now directly dependent on the battery voltage and
is U
BAT - 0.5 V.
9.2
Remote shutdown
If the connected load cannot be supplied from the power
storage device in the event that the AC voltage fails, the
UPS can be disabled via R1/R2. This shutdown can be
performed during mains operation or while battery mode is
active.
UPS active, remote shutdown deactivated, default upon
delivery:
–
Terminal points "R1" and "R2" are short circuited (with
plug-in bridges by default upon delivery) OR 24 V DC is
present at terminal point "R2".
–
If the supply voltage fails, the TRIO-UPS switches to
battery mode. UPS not active, remote shutdown
activated:
–
Terminal points "R1" and "R2" are not short circuited
AND 0 V DC is present at terminal point "R2".
–
All LEDs are OFF.
–
If the supply voltage fails, the TRIO-UPS does not
switch to battery mode, the device shuts down.
–
The connected loads are supplied and the
rechargeable battery module is charged as long as the
supply voltage is present.
9.3
Buffer time setting
The time after which battery mode is exited is set via the
"
selector switch on the front of the device:
–
0.5 to 20 minutes
–
Parameterizable time via software
("CUSTOM" switch position, default: 0.5 minutes)
–
Unlimited (buffering with the total stored energy)
–
PC mode (see Section 9.4 "PC mode" )
9.4
PC mode
In "PC mode", the UPS function follows a chronological
sequence that can be parameterized via the software and
individually optimized for the relevant IPC solution.
Requirements: IFS-USB-PROG-ADAPTER data cable
(Order No. 2811271) and UPS-CONF software
(Order No. 2320403).
To set the parameters, an Interface interface (IFS) is used
for data exchange between the TRIO-UPS and a suitable
user interface on the IPC. The user is supported by help
texts and graphics for the individual parameters.
As an option, parameterization can be carried out using an
IFS-CONFSTICK. Here, a parameter record is transferred
from the TRIO-UPS to the IFS-CONFSTICK. This
parameter record can then be written to any other
TRIO-UPS.
In "PC mode", the UPS function follows a parameterizable
chronological sequence of delay time, IPC shutdown, and
IPC idle time.
Delay time:
If the mains voltage is not applied again within the first 60
seconds of battery mode, for example, "Bat.-Mode" is
indicated in order to shut down an IPC with a delay.
IPC shutdown:
Shutdown is performed via a data cable to the IPC. The IPC
must be connected to the UPS via a USB data cable.
The IPC is supplied by the TRIO-UPS for a parameterizable
period of time, e.g., 2 minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com