Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 5 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LP5907-Q1
www.ti.com
SNVSA34D – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
All voltages are with respect to the device GND terminal, unless otherwise stated.
(2)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the junction temperature (TJ) range of
–40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for
reference purposes only.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX). See Application and
Implementation.
(4)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(5)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(6)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(7)
Short-circuit current (ISC) for the LP5907-Q1 is equivalent to current limit. To minimize thermal effects during testing, ISC is measured
with VOUT pulled to 100 mV below its nominal voltage.
(8)
This specification is verified by design.
(9)
There is a 1-MΩ resistor between EN and ground on the device.
6.5 Electrical Characteristics
VIN = VOUT(NOM) + 1 V, VEN = 1.2 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF (unless otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
VIN
Input voltage
TA = 25°C
2.2
5.5
V
ΔVOUT
Output voltage tolerance
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
IOUT = 1 mA to 250 mA, VOUT ≥ 1.8 V
–2
2
%VOUT
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
IOUT = 1 mA to 250 mA, VOUT < 1.8 V
–3
3
Line regulation
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
IOUT = 1 mA
0.02
%/V
Load regulation
IOUT = 1 mA to 250 mA
0.001
%/mA
ILOAD
Output load current
0
250
mA
IQ
Quiescent current(4)
VEN = 1.2 V, IOUT = 0 mA
12
25
µA
VEN = 1.2 V, IOUT = 250 mA
250
425
VEN = 0.3 V (Disabled)
0.2
1
IG
Ground current(5)
VEN = 1.2 V, IOUT = 0 mA
14
µA
VDO
Dropout voltage(6)
IOUT = 100 mA
50
mV
IOUT = 250 mA
250
ISC
Short-circuit current limit
TA = 25°C
(7)
250
500
mA
PSRR
Power-supply rejection ratio(8)
f = 100 Hz, IOUT = 20 mA
90
dB
f = 1 kHz, IOUT = 20 mA
82
f = 10 kHz, IOUT = 20 mA
65
f = 100 kHz, IOUT = 20 mA
60
eN
Output noise voltage(8)
BW = 10 Hz to 100 kHz
IOUT = 1 mA
10
µVRMS
IOUT = 250 mA
6.5
RAD
Output automatic discharge
pulldown resistance
VEN < VIL (output disabled)
230
Ω
TSD
Thermal shutdown
TJ rising
160
°C
Thermal hysteresis
TJ falling from shutdown
15
LOGIC INPUT THRESHOLDS
VIL
Low input threshold
VIN = 2.2 V to 5.5 V,
VEN falling until the output is disabled
0.4
V
VIH
High input threshold
VIN = 2.2 V to 5.5 V,
VEN rising until the output is enabled
1.2
V
IEN
Input current at EN pin(9)
VEN = 5.5 V and VIN = 5.5 V
5.5
µA
VEN = 0 V and VIN = 5.5 V
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com