Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 1 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
EN
IN
OUT
GND
1 PF
1 PF
INPUT
ENABLE
GND
OUTPUT
LP5907-Q1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
LP5907-Q1
SNVSA34D – SEPTEMBER 2014 – REVISED DECEMBER 2018
LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C6
•
Input Voltage Range: 2.2 V to 5.5 V
•
Output Voltage Range: 1.2 V to 4.5 V
•
Stable with 1-µF Ceramic Input and Output
Capacitors
•
No Noise Bypass Capacitor Required
•
Remote Output Capacitor Placement
•
Thermal-Overload and Short-Circuit Protection
•
Output Current: 250 mA
•
Low Output Voltage Noise: < 6.5 µVRMS
•
PSRR: 82 dB at 1 kHz
•
Output Voltage Tolerance: ±2%
•
Virtually Zero IQ (Disabled): < 1 µA
•
Very Low IQ (Enabled): 12 µA
•
Start-up Time: 80 µs
•
Low Dropout: 120 mV (Typical)
•
–40°C to 125°C Junction Temperature Range for
Operation
2 Applications
•
ADAS Cameras and Radar
•
Automotive Infotainment
•
Telematics Systems
•
Navigation Systems
3 Description
The LP5907-Q1 is a low-noise LDO that can supply
250 mA of output current. Designed to meet the
requirements of RF and analog circuits, the LP5907-
Q1 provides low noise, high PSRR, low quiescent
current, and low line or load transient response
figures. Using new innovative design techniques, the
LP5907-Q1 offers class-leading noise performance
without a noise bypass capacitor and the ability for
remote output capacitor placement.
The device is designed to work with a 1-µF input and
a 1-µF output ceramic capacitor (no separate noise
bypass capacitor is required).
This device is available with fixed output voltages
from 1.2 V to 4.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5907-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
X2SON (4)(2)
1.00 mm x 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview device.
Simplified Schematic


Similar Part No. - LP5907

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
logo
Texas Instruments
LP5907 TI1-LP5907_17 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com