Electronic Components Datasheet Search
  English  ▼

X  

HT95A200 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT95A200
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95A200 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT95A200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
HT95L100/10P
Rev. 0.10
9
October 1, 2002
Preliminary
BP
Address
Function
Description
00
11
TMR1C
Timer/Event Counter 1 control register
00
12
PA
Port A data register
00
13
PAC
Port A control register
00
14
PB
Port B data register
00
15
PBC
Port B control register
00
16
DIALERIO
Dialer I/O register
00
1A
PE
Port E data register (bit3~bit0)
00
1B
PEC
Port E control register (bit3~bit0)
00
1E
INTC1
Interrupt control register 1
Embedded control register
00
20
DTMFC
DTMF generator control register
00
21
DTMFD
DTMF generator data register
00
22
LINE
Line control register
00
24
RTCC
Real time clock control register
00
26
MODE
Operation mode control register
00
28
LCDIO
LCD segment and I/O option register
00
2D
LCDC
LCD driver control register
00
2E
PFDC
PFD control register
00
2F
PFDD
PFD data register
General purpose RAM
00
40~FF
BANK0 RAM
General purpose RAM space
01
40~FF
BANK1 RAM
General purpose RAM space
02
40~FF
BANK2 RAM
General purpose RAM space
03
40~FF
BANK3 RAM
General purpose RAM space
04
40~FF
BANK4 RAM
General purpose RAM space
05
40~FF
BANK5 RAM
General purpose RAM space
LCD RAM display memory
1B
8C~9F
LCD RAM
LCD RAM mapping space for COM0~COM7
Indirect addressing register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] will access the memory
pointed to by MP0 and MP1, respectively. Reading loca-
tion [00H] or [02H] indirectly returns the result 00H,
while writing it leads to no operation. MP0 is indirectly
addressable in bank0, but MP1 is available for all banks
by switch BP [04H]. If BP is unequal to 00H, the indirect
addressing mode to read/write operation from 00H~3FH
will return the result as same as the value of bank0.
The memory pointer registers MP0 and MP1 are 8-bits
registers, and the bank pointer register BP is 5-bits reg-
ister.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can operate with immediate data. All data movement
between two data memory locations must pass through
the accumulator.
Arithmetic and logic unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions and provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com