Electronic Components Datasheet Search
  English  ▼

X  

HT95A200 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT95A200
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95A200 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT95A200 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
HT95L100/10P
Rev. 0.10
21
October 1, 2002
Preliminary
Phone controller also supports the dialer I/O flag to monitor the dialer status.
Register
Label
Bits
R/W
Function
DIALERIO
(16H)
HFI
0
RO
1: The HFI pin level is 1.
0: The HFI pin level is 0.
HFO
1
RO
1: The HFO pin level is 1.
0: The HFO pin level is 0.
HDI
2RO
1: The HDI pin level is 1.
0: The HDI pin level is 0.
HDO
3
RO
1: The HDO pin level is 1.
0: The HDO pin level is 0.
HKS
4RO
1: The HKS pin level is 1.
0: The HKS pin level is 0.
SPO
5
RW
1: The PO pin is controlled by the combination of the HKS, HFI and HDI pin.
0: The PO pin level is set to 0 by software.
SDNPO
6
RW
1: The DNPO pin level is set to floating by software.
0: The DNPO pin level is set to 0 by software.
XMUTE
7RW
1: The XMUTE pin is set to floating by software.
0: The XMUTE pin is set to 0 by software.
The SPO flag is special designed to control the PO. When the flag SPO is set to 1, the PO pin is controlled by the combi-
nation of the HKS pin, HFI pin and HDI pin. The PO pin will always be 0 if the flag SPO=0.
The relation between the Dialer I/O function (SPO=1)
Dialer Function
Dialer I/O Pin (Flag) Status
Result
HKS
HFO
HDO
PO
DNPO
Telephone Line
On-hook
1000
floating
break
On-hook & Hand-free
1101
floating
make
On-hook & Hold-line
1011
floating
make
Off-hook
0001
floating
make
Off-hook & Hand-free
0101
floating
make
Off-hook & Hold-line
0011
floating
make
The following describes the dialer I/O function status machine figure:
O n - h o o k
O f f - h o o k
O n - h o o k
H . I
H . I H D I
H . I
H D I
O f f - h o o k
O n - h o o k
H D I
H . I
O f f - h o o k
H D I
O f f - h o o k
H a n d - f r e e
O n - h o o k
H a n d - f r e e
O f f - h o o k
H o l d - l i n e
O n - h o o k
H o l d - l i n e
O n - h o o k
O f f - h o o k
H D I
Off-hook: A falling edge to HKS pin
On-hook: A rising edge to HKS pin
HFI: A high pulse to HFI pin (Hand-free request is generated.)
HDI: A low pulse to HDI pin (Hold-line request is generated.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com