Electronic Components Datasheet Search
  English  ▼

X  

IC-PTH Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-PTH
Description  6-CH. PHASED ARRAY OPTO ENCODERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PTH Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-PTH Datasheet HTML 4Page - IC-Haus GmbH IC-PTH Datasheet HTML 5Page - IC-Haus GmbH IC-PTH Datasheet HTML 6Page - IC-Haus GmbH IC-PTH Datasheet HTML 7Page - IC-Haus GmbH IC-PTH Datasheet HTML 8Page - IC-Haus GmbH IC-PTH Datasheet HTML 9Page - IC-Haus GmbH IC-PTH Datasheet HTML 10Page - IC-Haus GmbH IC-PTH Datasheet HTML 11Page - IC-Haus GmbH IC-PTH Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
iC-PT H-Series
6-CH. PHASED ARRAY OPTO ENCODERS
Rev B2, Page 8/14
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 3.5...5.5 V, Tj = -40...125 °C, λLED = λr = 740 nm, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
805 Rpu()
Pull-Up Resistor
V(T1) = 0 V
65
kΩ
Test Inputs: TIP, TIN
Z101 Ipd()
Pull-Down Current
test mode not active, V() = 0.4 V
60
100
µA
Z102 It()on
Test Mode Activation Threshold
130
190
µA
Z103 V()test
Test Pin Operating Voltage
test mode active, I() = 200 µA
1.5
V
Z104 I()test
Permissible Test Current
test mode active
10
1000
µA
Z105 CR()
Current Ratio I()test/Iph()
test mode active, I() = 200 µA
1000
ELECTRICAL CHARACTERISTICS: Diagrams
0%
100%
50%
± AArel
Figure 1: Definition of AB duty cycle variation.
undefined
undefined
undefined
undefined
x1 interpolated, UVW digital
x4 interpolated, UVW digital
ABZ and UVW analog
ABZ analog, UVW digital
x2 interpolated, UVW digital
Vmod(SEL)
Figure 2: Operating mode selection at pin SEL.
undefined
undefined
B-gated
AB-gated
ungated
Vgate(T1)
Figure 3: Index gating selection at pin T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com