Electronic Components Datasheet Search
  English  ▼

X  

IC-PTH Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PTH
Description  6-CH. PHASED ARRAY OPTO ENCODERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PTH Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PTH Datasheet HTML 1Page - IC-Haus GmbH IC-PTH Datasheet HTML 2Page - IC-Haus GmbH IC-PTH Datasheet HTML 3Page - IC-Haus GmbH IC-PTH Datasheet HTML 4Page - IC-Haus GmbH IC-PTH Datasheet HTML 5Page - IC-Haus GmbH IC-PTH Datasheet HTML 6Page - IC-Haus GmbH IC-PTH Datasheet HTML 7Page - IC-Haus GmbH IC-PTH Datasheet HTML 8Page - IC-Haus GmbH IC-PTH Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
iC-PT H-Series
6-CH. PHASED ARRAY OPTO ENCODERS
Rev B2, Page 2/14
DESCRIPTION
The iC-PT H-series represents advanced optical en-
coder ICs featuring integrated photosensors arranged
as an HD Phased Array, providing signal fidelity at
relaxed alignment tolerances.
Its typical application are incremental encoders for
motor speed control and commutation. To this end,
the devices provide differential A/B tracks, a differ-
ential index track and three more tracks to generate
block commutation signals.
Where the optical radius and the native cycles per
revolution (CPR) are determined by the device ver-
sion (refer to iC-PT26xxH, iC-PT33xxH, iC-PT39xxH
details given further below), the adaption to the motor
polecount is carried out by the code disc, for instance
with 4 CPR and 90 degree phase shift to operate
4-phase brushless motors1).
Blue-enhanced photosensors allow the application of
LEDs with short wavelenght leading to an outstand-
ing jitter performance due to improved signal contrast
(recommended LED: iC-TL46). However, for most
devices the photosensors are IR compatible as well
(recommended LED2): iC-TL85).
Low-noise transimpedance amplifiers, arranged in a
paired layout to ensure excellent channel matching,
are used to convert the scanner’s signals into voltages
of several hundred millivolts3).
Precision comparators with hysteresis generate the
digital signals subsequently, either native or interpo-
lated, which are then output by differential ± 4 mA
push-pull drivers.
The built-in averaging LED power controller with its
40 mA driver permits a direct connection of the en-
coder LED. The received optical power is kept con-
stant regardless of aging effects or changes in tem-
perature.
Various operating modes are selectable at multi-level
input SEL4): digital output with native (x1) or interpo-
lated resolution (x2 or x4), analog output or mixed
analog/digital output; the latter combines an output
of sine/cosine signals with comparated UVW commu-
tation signals. During analog operation the amplified
signal voltages are available at the outputs for inspec-
tion and monitoring of encoder assembly, or to feed
external interplation circuits.
Index gating is also pin-selectable at input T14): the
options are ungated, respectively T-gated if using in-
terpolated output, B-gated and AB-gated.
All devices run at single-sided supplies from 3.5 V up
to 5.5 V and feature a low power consumption.
iC-PT26xxH Series
Optical radius 11.0 mm, code disc ∅ 26.0 mm;
Native CPR: 256, 500, 1000, 1250, 1500.
iC-PT33xxH Series
Optical radius 14.5 mm, code disc ∅ 33.0 mm;
Native CPR: 360, 500, 1000, 1024, 1250, 1500, 1800
CPR.
For 2000, 2048, and 2500 CPR refer to
iC-PT33xxH Encoder blue® Series.
iC-PT39xxH Series
Optical radius 17.5 mm, code disc ∅ 39.0 mm;
Native CPR: 512, 1000, 1024, 2048.
1) Standard on code discs available for sampling.
2) Except for Encoder blue® series: iC-PT3320H, PT3348H, PT3325H.
3) Operating point varies by device version and CPR.
4) For ease of replacement, iC-PT H-Series pin functions are backwards
compatible to iC-PT series ICs.
Encoder blue is a trademark of iC-Haus GmbH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com