Electronic Components Datasheet Search
  English  ▼

X  

8557 Datasheet(PDF) 2 Page - AVX Corporation

Part # 8557
Description  Male Style 1/2 C High Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8557 Datasheet(HTML) 2 Page - AVX Corporation

  8557 Datasheet HTML 1Page - AVX Corporation 8557 Datasheet HTML 2Page - AVX Corporation 8557 Datasheet HTML 3Page - AVX Corporation 8557 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
101
No. Contact
Contact
Positions
Rows
A
B
C
D
E
48
3 (3 x 16)
15
38.10
50.00
54.89
44.30
(1.500)
(1.969)
(2.161)
(1.744)
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
48 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
16 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
Female Style 1/2 C High Temperature
Series 8557 – 3 rows (3 x 16)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
48
a + b + c fully loaded
20 8557 048 001 025
20 8557 048 001 049
0.6 x 0.6 mm Post Profile
32
a + c fully loaded
20 8557 048 001 026
20 8557 048 001 050
4.5 mm (Y) Straight
16
a loading only
20 8557 048 001 027
20 8557 048 001 051
48
a + b + c fully loaded
20 8557 048 002 025
20 8557 048 002 049
0.6 x 0.6 mm Post Profile
32
a + c fully loaded
20 8557 048 002 026
20 8557 048 002 050
2.9 mm (Y) Straight
16
a loading only
20 8557 048 002 027
20 8557 048 002 051
Unit: millimeters (inches)
ROW C
ROW B
ROW A
ROW A
ROW B
ROW C
8.46
[0.333]
10.49
[0.413]
10.5
[0.413]
11.58
[0.456]
0.30
[0.012]
2.84
[0.112]
1.02
[0.040]
2.54
[0.100]
5.08
[0.200]
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
C
E
D
Y
For Y dimension see contact design
C
HOLE PATTERN
DIA.
DIA.
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com