Electronic Components Datasheet Search
  English  ▼

X  

8557 Datasheet(PDF) 3 Page - AVX Corporation

Part # 8557
Description  Male Style 1/2 C High Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8557 Datasheet(HTML) 3 Page - AVX Corporation

  8557 Datasheet HTML 1Page - AVX Corporation 8557 Datasheet HTML 2Page - AVX Corporation 8557 Datasheet HTML 3Page - AVX Corporation 8557 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
102
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 16, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Male Style C High Temperature
Series 8557 – 3 rows (3 x 32)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
10 8557 096 001 025
10 8557 096 001 049
64
a + c fully loaded
10 8557 096 001 026
10 8557 096 001 050
3.4 mm (Y)
32
a + c even loading
10 8557 096 001 033
10 8557 096 001 057
Straight
32
a loading only
10 8557 096 001 027
10 8557 096 001 051
96
a + b + c fully loaded
10 8557 096 002 025
10 8557 096 002 049
64
a + c fully loaded
10 8557 096 002 026
10 8557 096 002 050
32
a + c even loading
10 8557 096 002 033
10 8557 096 002 057
3.0 mm (Y)
32
a loading only
10 8557 096 002 027
10 8557 096 002 051
Right Angled
94 + 2
fully loaded + ground
10 8557 096 101 025
10 8557 096 101 049
96
a + b + c fully loaded
10 8557 096 008 025
10 8557 096 008 049
64
a + c fully loaded
10 8557 096 008 026
10 8557 096 008 050
2.3 mm (Y)
32
a + c even loading
10 8557 096 008 033
10 8557 096 008 057
Right Angled
32
a loading only
10 8557 096 008 027
10 8557 096 008 051
denotes ground pin
96 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
64 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
94 + 2 contacts, fully loaded
with ground in A1 & A32
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
96
3 (3 x 32)
31
78.74
85.29
88.90
93.90
(3.100)
(3.358)
(3.500) (3.697)
Unit: millimeters (inches)
E
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
D
Y
HOLE PATTERN
GROUND CONTACT
For Y dimension
see contact design
ROW A
ROW B
1
1
2.54
[0.100]
11.0
[0.433]
2.54
[0.100]
2.54
[0.100]
12.7
[0.500]
8.74
[0.344]
5.08
[0.200]
5.08
[0.200]
11.0
[.433]
2.84
[0.112]
5.31
[0.209]
1.02
[0.040]
ROW C
ROW C
ROW B
ROW A
D
C
DIA.
DIA.
DIA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com