Electronic Components Datasheet Search
  English  ▼

X  

8577 Datasheet(PDF) 5 Page - AVX Corporation

Part # 8577
Description  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8577 Datasheet(HTML) 5 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
108
Female Style R
Expanded High Temperature
Series 8577 – 4 rows (4 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8577 128 002 025
20 8577 128 002 049
3.0 mm (Y) Right Angled
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
G
128
4 (4 x 32)
31
78.74
93.90
88.90
84.90
11.10
13.10
(3.100)
(3.697) (3.500)
(3.343)
(0.437)
(0.516)
●●●●
●
d
●●●●
●
c
●●●●
●
b
●●●●
●
a
128 contacts,
rows a + b + c + d fully loaded
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
C
A EQ SP @ 2.54 [0.100] = B
D
A EQ SP @ 2.54 [0.100] = B
2.84
[0.112]
HOLE PATTERN
For Y dimension see
contact design
ROW A
ROW B
D
ROW B
ROW A
13.1
[0.516]
2.54
[0.100]
E
D
5.08 [0.200]
Y
ROW C
ROW D
ROW D
ROW E
2.54
[0.100]
2.54
[0.100]
5.08
[0.200]
7.62
[0.300]
ROW C
F
G
1.02
[0.040]
DIA.
DIA.
DIA.
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com