Electronic Components Datasheet Search
  English  ▼

X  

8577 Datasheet(PDF) 6 Page - AVX Corporation

Part # 8577
Description  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8577 Datasheet(HTML) 6 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
109
Female Style R
Expanded High Temperature
Series 8577 – 3 rows (3 x 50) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
0.6 x 0.6 mm Post Profile
150
a + b + c fully loaded
20 8577 150 001 025
20 8577 150 001 049
2.8 mm (Y) Right Angled
100
a + c fully loaded
20 8577 150 001 026
20 8577 150 001 050
150 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
100 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
150
3 (3 x 50)
49
125.50
130.90
133.60
135.70
140.60
(4.941)
(5.154)
(5.260)
(5.343)
(5.536)
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
F
31 EQ SP @ 2.54 [0.100] = 78.74 [3.100]
E
31 EQ SP @ 2.54 [0.100] = 78.74 [3.100]
2.84
[0.112]
HOLE PATTERN
For Y dimension
see contact design
E
ROW B
ROW A
2.84
[0.110]
C
GROUND
CONTACT
1
D
0.30
[0.012]
0.30
[0.012]
Y
.0453
+.0000
-.0010
+0.00
-0.025
1.15
+.003
-.002
.040
1.02
+0.08
-0.05
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
11.48
[0.452]
3.17
[0.125]
BOARD
THICKNESS
COMPLIANT SECTION
3
ROW C
2.54
[0.100]
2.54
[0.100]
11.0
[0.433]
8.74
[0.344]
ROW A
ROW B
ROW C
11.0
[0.433]
Y
5.64
[0.222]
DIA.
DIA.
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com