Electronic Components Datasheet Search
  English  ▼

X  

105366 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 105366
Description  RAD-PT100-4-IFS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

105366 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 105366 Datasheet HTML 7Page - PHOENIX CONTACT 105366 Datasheet HTML 8Page - PHOENIX CONTACT 105366 Datasheet HTML 9Page - PHOENIX CONTACT 105366 Datasheet HTML 10Page - PHOENIX CONTACT 105366 Datasheet HTML 11Page - PHOENIX CONTACT 105366 Datasheet HTML 12Page - PHOENIX CONTACT 105366 Datasheet HTML 13Page - PHOENIX CONTACT 105366 Datasheet HTML 14Page - PHOENIX CONTACT 105366 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RAD-PT100-4-IFS
105366_en_00
PHOENIX CONTACT
11
6.7
Assembly/removal
Figure 6
Mounting and removing
When using the device in a connection station, use the
17.5 mm wide DIN rail connector supplied. Only use the DIN
rail connector in connection with 24 V DC devices.
•
Connect the DIN rail connectors together for a connec-
tion station.
•
Push the connected DIN rail connectors into the DIN
rail.
•
Place the device onto the DIN rail from above. Ensure
the device and DIN rail connector are aligned correctly.
•
Holding the device by the housing cover, carefully push
the device towards the mounting surface so that the de-
vice bus connector is securely fixed onto the DIN rail
connector.
•
Once the snap-on foot has been audibly snapped onto
the DIN rail, check that it is fixed securely. The device is
only mechanically secured via the DIN rail.
•
Connect the desired number of I/O extension modules
to the wireless module via the DIN rail connector.
•
Install the device in suitable housing to meet the re-
quirements for the protection class.
•
During startup, check that the device is operating,
wired, and marked correctly.
•
You can establish a connection between two DIN rail
connectors using MINI COMBICON connectors:
MC 1,5/5-ST-3,81 (female, 1803604);
IMC 1,5/5-ST-3,81 (male, 1857919).
6.8
Connecting the cables
Figure 7
Connecting the cables
•
Crimp ferrules to the wires.
Permissible cable cross section: 0.2...2.5 mm².
•
Insert the wire with ferrule into the corresponding con-
nection terminal block.
•
Use a screwdriver to tighten the screw in the opening
above the connection terminal block.
Tightening torque: 0.6 Nm
Outside the Ex area, module extension or
module replacement is also possible during
operation.
A
B
C
DE
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com