Electronic Components Datasheet Search
  English  ▼

X  

105366 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 105366
Description  RAD-PT100-4-IFS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

105366 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 105366 Datasheet HTML 7Page - PHOENIX CONTACT 105366 Datasheet HTML 8Page - PHOENIX CONTACT 105366 Datasheet HTML 9Page - PHOENIX CONTACT 105366 Datasheet HTML 10Page - PHOENIX CONTACT 105366 Datasheet HTML 11Page - PHOENIX CONTACT 105366 Datasheet HTML 12Page - PHOENIX CONTACT 105366 Datasheet HTML 13Page - PHOENIX CONTACT 105366 Datasheet HTML 14Page - PHOENIX CONTACT 105366 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RAD-PT100-4-IFS
105366_en_00
PHOENIX CONTACT
13
3-wire connection method
For long distances between the Pt 100 sensor and the ex-
tension module. To compensate the wire resistances, all
wire resistances must have exactly the same values (R
L1 =
R
L2 = RL3).
•
Connect the Pt 100 sensor to terminals x.1, x.2, and x.3.
With 3-wire connection technology, the temperature-related
voltage is measured several times. Corresponding calcula-
tions additionally reduce the effect of the cable resistance on
the measurement result. The results are almost as good as
those achieved using 4-wire technology.
The cable resistances R
L at terminals +I and -I must have
the same value. This allows you to subtract the established
cable resistance from the measurement result and to get the
Pt 100 platinum resistance value.
Figure 9
3-wire connection method
µC
2.1
2.2
2.3
3.1
3.2
3.3
5.1
5.2
5.3
4.1
4.2
4.3
IO-MAP
0 1
DC
DC
IFS
IFS
A
D
1mA
A
D
1mA
A
D
1mA
A
D
1mA
-I2
-U2
+I2
+I1
-U1
-I1
+I3
-U3
-I3
+I4
-U4
-I4
RL
I+
RTD
ϑ
RL
I–
U–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com