Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F PWR 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2701421 Datasheet HTML 1Page - PHOENIX CONTACT 2701421 Datasheet HTML 2Page - PHOENIX CONTACT 2701421 Datasheet HTML 3Page - PHOENIX CONTACT 2701421 Datasheet HTML 4Page - PHOENIX CONTACT 2701421 Datasheet HTML 5Page - PHOENIX CONTACT 2701421 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AXL F PWR 1H
105688_en_02
PHOENIX CONTACT
3 / 6
Description
Type
Order No.
Pcs./Pkt.
Axioline F power module for the communications power UBus, max. 4 A
(including bus base module and connector)
AXL F PWR 1H
2688297
1
3Ordering data
Accessories
Type
Order No.
Pcs./Pkt.
Axioline F bus base module for power modules in housing type H
(Replacement item)
AXL F BS H PWR
2702051
5
Axioline F short power connector (for e.g., AXL F BK ...) (Replacement
item)
AXL CN S/UL
2701421
5
Zack marker strip for Axioline F (device labeling), in 2 x 20.3 mm pitch,
unprinted, 25-section, for individual labeling with B-STIFT 0.8, X-PEN, or
CMS-P1-PLOTTER (Marking)
ZB 20,3 AXL UNPRINTED
0829579
25
Zack marker strip, flat, in 10 mm pitch, unprinted, 10-section, for individual
labeling with M-PEN 0,8, X-PEN, or CMS-P1-PLOTTER (Marking)
ZBF 10/5,8 AXL UNPRINTED
0829580
50
Insert label, Roll, white, unlabeled, can be labeled with: THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK X, THERMOMARK
S1.1, Mounting type: snapped into marker carrier, Lettering field: 35 x 28
mm (Marking)
EMT (35X28)R
0801602
1
Documentation
Type
Order No.
Pcs./Pkt.
User manual, English, Axioline F: System and installation
UM EN AXL F SYS INST
-
-
Dimensions (nominal sizes in mm)
Width
35 mm
Height
126.1 mm
Depth
54 mm
Note on dimensions
The depth is valid when a TH 35-7.5 DIN rail is used (according to EN 60715).
4
Technical data
35
54
General data
Color
traffic grey A RAL 7042
Weight
107 g (with connector and bus base module)
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com