Electronic Components Datasheet Search
  English  ▼

X  

2701421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2701421
Description  AXL F PWR 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2701421 Datasheet HTML 1Page - PHOENIX CONTACT 2701421 Datasheet HTML 2Page - PHOENIX CONTACT 2701421 Datasheet HTML 3Page - PHOENIX CONTACT 2701421 Datasheet HTML 4Page - PHOENIX CONTACT 2701421 Datasheet HTML 5Page - PHOENIX CONTACT 2701421 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1Description
Axioline F power module
for the communications power U
Bus, max. 4 A
AXL F PWR 1H
© PHOENIX CONTACT
Data sheet
The module is designed for use within an Axioline F station.
If the maximum load of the bus coupler for the Axioline F
local bus supply (communications power U
Bus) is reached,
this module can be used to provide this voltage again.
To this end, apply a 24 V DC voltage (U
L) to the module from
which the (U
Bus) is generated.
Features
–
Supply of the 24 V voltage U
L for generating the
communications power U
Bus
–
Diagnostic and status indicators
This module does not have a microprocessor
and is therefore not a local bus device. It is not
mapped to engineering tools.
NOTE: Malfunction
The power module only boosts the U
Bus
voltage, if the corresponding red bus base
module is snapped on and if the U
Bus voltage
is present in the segment downstream of the
power module.
This data sheet is only valid in association with the UM EN AXL F SYS INST user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
105688_en_02
2016-03-02


Similar Part No. - 2701421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701421 PHOENIX-2701421 Datasheet
281Kb / 28P
AXL F BK S3
2701421 PHOENIX-2701421 Datasheet
397Kb / 12P
AXC F XT ETH 1TX
More results

Similar Description - 2701421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8610 PHOENIX-8610 Datasheet
197Kb / 11P
AXL F DI16/1 HS 1H
8623 PHOENIX-8623 Datasheet
308Kb / 31P
AXL F RTD4 1H
8658 PHOENIX-8658 Datasheet
238Kb / 21P
AXL F AI4 I 1H
8659 PHOENIX-8659 Datasheet
241Kb / 21P
AXL F AI4 U 1H
8672 PHOENIX-8672 Datasheet
349Kb / 37P
AXL F UTH4 1H
1007352 PHOENIX-1007352 Datasheet
326Kb / 6P
Special function module - AXL F PWM2 1H
2688598 PHOENIX-2688598 Datasheet
1Mb / 19P
Temperature module - AXL F UTH4 1H
Dec 8, 2022
1104545 PHOENIX-1104545 Datasheet
407Kb / 12P
Communication module - AXL F MA MBUS 1H
Dec 7, 2022
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
2702911 PHOENIX-2702911 Datasheet
617Kb / 13P
Analog module - AXL F SGI2 1H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com