Electronic Components Datasheet Search
  English  ▼

X  

PCA9535EC Datasheet(PDF) 7 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 3Page - ON Semiconductor PCA9535EC Datasheet HTML 4Page - ON Semiconductor PCA9535EC Datasheet HTML 5Page - ON Semiconductor PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor PCA9535EC Datasheet HTML 10Page - ON Semiconductor PCA9535EC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PCA9535E, PCA9535EC
www.onsemi.com
7
Device Address
Before the bus master can access a slave device, it must
send the address of the slave it is accessing and the operation
it wants to perform (read or write) following a START
condition. The slave address of the PCA9535E and
PCA9535EC is shown in Figure 5. Address pins AD2, AD1,
and AD0 choose 1 of 64 slave addresses. To conserve power,
no internal pull−up resistors are provided on AD2, AD1, and
AD0.
A logic 1 on the last bit of the first byte selects a read
operation while a logic 0 selects a write operation.
Figure 5. PCA9535E and PCA9535EC Device Address
R/W
A6
A5
A4
A3
A2
A1
A0
programmable
slave address
Table 6. PCA9535E AND PCA9535EC ADDRESS MAP
Address Input
Slave Address
AD2
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
HEX
GND
SCL
GND
0
0
1
0
0
0
0
20h
GND
SCL
VDD
0
0
1
0
0
0
1
22h
GND
SDA
GND
0
0
1
0
0
1
0
24h
GND
SDA
VDD
0
0
1
0
0
1
1
26h
VDD
SCL
GND
0
0
1
0
1
0
0
28h
VDD
SCL
VDD
0
0
1
0
1
0
1
2Ah
VDD
SDA
GND
0
0
1
0
1
1
0
2Ch
VDD
SDA
VDD
0
0
1
0
1
1
1
2Eh
GND
SCL
SCL
0
0
1
1
0
0
0
30h
GND
SCL
SDA
0
0
1
1
0
0
1
32h
GND
SDA
SCL
0
0
1
1
0
1
0
34h
GND
SDA
SDA
0
0
1
1
0
1
1
36h
VDD
SCL
SCL
0
0
1
1
1
0
0
38h
VDD
SCL
SDA
0
0
1
1
1
0
1
3Ah
VDD
SDA
SCL
0
0
1
1
1
1
0
3Ch
VDD
SDA
SDA
0
0
1
1
1
1
1
3Eh
GND
GND
GND
0
1
0
0
0
0
0
40h
GND
GND
VDD
0
1
0
0
0
0
1
42h
GND
VDD
GND
0
1
0
0
0
1
0
44h
GND
VDD
VDD
0
1
0
0
0
1
1
46h
VDD
GND
GND
0
1
0
0
1
0
0
48h
VDD
GND
VDD
0
1
0
0
1
0
1
4Ah
VDD
VDD
GND
0
1
0
0
1
1
0
4Ch
VDD
VDD
VDD
0
1
0
0
1
1
1
4Eh
GND
GND
SCL
0
1
0
1
0
0
0
50h
GND
GND
SDA
0
1
0
1
0
0
1
52h
GND
VDD
SCL
0
1
0
1
0
1
0
54h
GND
VDD
SDA
0
1
0
1
0
1
1
56h
VDD
GND
SCL
0
1
0
1
1
0
0
58h
VDD
GND
SDA
0
1
0
1
1
0
1
5Ah
VDD
VDD
SCL
0
1
0
1
1
1
0
5Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com