Electronic Components Datasheet Search
  English  ▼

X  

PCA9535EC Datasheet(PDF) 12 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 12 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor PCA9535EC Datasheet HTML 10Page - ON Semiconductor PCA9535EC Datasheet HTML 11Page - ON Semiconductor PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor PCA9535EC Datasheet HTML 14Page - ON Semiconductor PCA9535EC Datasheet HTML 15Page - ON Semiconductor PCA9535EC Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PCA9535E, PCA9535EC
www.onsemi.com
12
Figure 8. Read from Register
Remark: Transfer can be stopped at any time by a STOP condition.
A
S
START condition
R/W
acknowledge
from slave
A
acknowledge
from slave
SDA
AP
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
A2 A1 A0
1A
A6
R/W
acknowledge
from slave
slave address
at this moment master−transmitter becomes master−receiver
and slave−receiver becomes slave−transmitter
NA
no acknowledge
from master
COMMAND BYTE
A2 A1 A0
A6
0
data from lower or
upper byte of register
LSB
MSB
DATA (last byte)
data from upper or
lower byte of register
LSB
MSB
A5 A4 A3
A5 A4 A3
Figure 9. Read from Input Port Register, Scenario 1
Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been set to ’00’ (read Input Port register).
A2 A1 A0 1 A
S A6
START condition
R/W
acknowledge
from slave
A
SCL
SDA
A
read from port 0
P
9
8
7
6
5
4
3
2
1
I0.x
slave address
7
STOP condition
acknowledge
from master
A
I1.x
7
acknowledge
from master
A
I0.x
7
acknowledge
from master
1
I1.x
7
non acknowledge
from master
data into port 0
read from port 1
data into port 1
INT
t v(INT_N)
trst(INT_N)
A5 A4 A3
654
32 1 0
654
32 1 0
65 4
3 2 1 0
654
32 1 0
Figure 10. Read from Input Port Register, Scenario 2
Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been set to ’00’ (read Input Port register).
A2 A1 A0 1 A
S A6
START condition
R/W
acknowledge
from slave
A
SCL
SDA
A
read from port 0
P
9
8
7
6
5
4
3
2
1
I0.x
slave address
STOP condition
acknowledge
from master
A
I1.x
acknowledge
from master
A
I0.x
acknowledge
from master
1
I1.x
non acknowledge
from master
data into port 0
read from port 1
data into port 1
INT
tv(INT_N)
t rst(INT_N)
2
1
A
T
A
D
3
0
A
T
A
D
0
1
A
T
A
D
0
0
A
T
A
D
DATA 00
DATA 01
th(D)
th(D)
DATA 02
tsu(D)
DATA 03
tsu(D)
2
1
A
T
A
D
1
1
A
T
A
D
0
1
A
T
A
D
A5A4 A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com