Electronic Components Datasheet Search
  English  ▼

X  

9155-800 Datasheet(PDF) 2 Page - AVX Corporation

Part # 9155-800
Description  Vertical Mate Connector 2.0mm Pitch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-800 Datasheet(HTML) 2 Page - AVX Corporation

  9155-800 Datasheet HTML 1Page - AVX Corporation 9155-800 Datasheet HTML 2Page - AVX Corporation 9155-800 Datasheet HTML 3Page - AVX Corporation 9155-800 Datasheet HTML 4Page - AVX Corporation 9155-800 Datasheet HTML 5Page - AVX Corporation 9155-800 Datasheet HTML 6Page - AVX Corporation 9155-800 Datasheet HTML 7Page - AVX Corporation 9155-800 Datasheet HTML 8Page - AVX Corporation 9155-800 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CONNECT
INTER
38
041816
Vertical Mate Connector
2.0mm Pitch
9155-800
2 WAY BATTERY CONNECTOR – RIGHT ANGLE
2MM PITCH - WITH BOSS
NOTES:
1.
GENERAL TOLERANCE ±0.20 UNLESS STATED.
2.
FOR FULL PRODUCT DETAILS REFER TO SPECIFICATION 201-01-2014.
FOR APPLICATION DATA REFER TO SPECIFICATION 201-01-205.
3.
FOR MATING PAD DETAILS REFER TO PAGE 44.
4.
FOR PACKING DETAILS REFER TO PAGE 43
5.
INSULATION MATERIAL: GLASS FILLED NYLON 46, UL94 V-O, COLOR BLACK.
6.
CONTACT MATERIAL: BERYLLIUM COPPER.
7.
CONTACT PLATING: SELECTIVE GOLD OVER NICKEL, PURE TIN ON TAILS.
8.
BRACKET MATERIAL: TIN PLATED PHOSPHOR BRONZE.
9.
CONNECTOR OUTLINE.
10. COPLANARITY ON ALL CONTACT TAILS AND PADS 0.12MM MAXIMUM.
SUGGESTED PCB LAYOUT
DEFLECTED CONTACT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com