Electronic Components Datasheet Search
  English  ▼

X  

9155-800 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-800
Description  Vertical Mate Connector 2.0mm Pitch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-800 Datasheet(HTML) 1 Page - AVX Corporation

  9155-800 Datasheet HTML 1Page - AVX Corporation 9155-800 Datasheet HTML 2Page - AVX Corporation 9155-800 Datasheet HTML 3Page - AVX Corporation 9155-800 Datasheet HTML 4Page - AVX Corporation 9155-800 Datasheet HTML 5Page - AVX Corporation 9155-800 Datasheet HTML 6Page - AVX Corporation 9155-800 Datasheet HTML 7Page - AVX Corporation 9155-800 Datasheet HTML 8Page - AVX Corporation 9155-800 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CONNECT
INTER
37
041816
Traditional battery connectors have been used for years in a number of
applications: battery packs, removable or pluggable modules and
conventional board-to-board to connect both signal level and power
circuits. These ultra reliable and robust gold plated beryllium copper
contacts provide high integrity connections in hash environments.
The vertical mate 9155-800 series eliminates end user damage when
pluggable modules or packs are pressed down vertically into a base unit.
Traditional right angle connectors have contact geometries that rely on the
pack being inserted at an angle and then rotated down into position. The
unique contact design of this connector deflects cleanly and easily when a
module or mating connector is pushed vertically into position, eliminating
any end user damage.
ELECTRICAL
• Current Rating: 2p-4p: 2.0 Amps,
5p-6p: 1.5 Amps
• Voltage Rating; 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material; Glass-Filled Nylon 46; UL94V0
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel, Tin leads
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• Gold plated BeCu contacts provide high electrical and
mechanical performance over 5000 mating cycles
• Unique contact geometry allows for full vertical engagement
in pluggable module applications
• Plastic locating bosses and SMT anchor tabs maximizes
the mechanical stability of the connector in harsh conditions
• Contact nose incorporates an anti-snag feature to protect
during deflection
APPLICATIONS
• Handheld/portable devices requiring docking or
cradle charging
• Patient monitoring or portable medical electronics
• Industrial devices requiring pluggable or program-
ming modules
• Internet appliances requiring battery back-up
• Application notes; refer to 201-01-205
00X
No of Ways
00
X
Plating Option
6 = 0.4μm Selective Gold, Pure Tin Tail
8 = 0.8μm Selective Gold, Pure Tin Tail
HOW TO ORDER
00
Prefix
9155
Series
8XX
Standard Battery
Connector
852 = Battery Connector
Right Angle
Connector Height: 5.00mm
Boss: Yes
Code
No of Packing
Ways
QTY
002
2
1000
003
3
1000
004
4
1000
005
5
1000
006
6
1000
Vertical Mate Connector
2.0mm Pitch
9155-800


Similar Part No. - 9155-800

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
More results

Similar Description - 9155-800

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200161FS SUYIN-USA-200161FS Datasheet
176Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200162FS SUYIN-USA-200162FS Datasheet
178Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200163MS SUYIN-USA-200163MS Datasheet
176Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200169FS SUYIN-USA-200169FS Datasheet
182Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200267MR SUYIN-USA-200267MR Datasheet
144Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200268MR SUYIN-USA-200268MR Datasheet
133Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200274FR SUYIN-USA-200274FR Datasheet
156Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200274FS SUYIN-USA-200274FS Datasheet
164Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200275MR SUYIN-USA-200275MR Datasheet
159Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
logo
Harwin Plc
M22-2010205 HARWIN-M22-2010205 Datasheet
61Kb / 1P
2.0mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com