Electronic Components Datasheet Search
  English  ▼

X  

2SC5702 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5702 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC5702 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2SC5702
6
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.8 1
2
3 4 5
1.5
10
.2
.4
.6
Scale: 10 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
−150°
−90°
−60°
−30°
−120°
Scale: 10 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
−150°
−90°
−60°
−30°
−120°
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.2
.4
.6
1
2
3 4 5
1.5
10
.8
CE
V
= 1 V, Zo = 50
Ω
CE
V
= 1 V, Zo = 50
Ω
CE
V
= 1 V, Zo = 50
Ω
CE
V
= 1 V, Zo = 50
Ω
100 to 2000 MHz (100 MHz STEP)
(IC = 5mA)
(IC = 20mA)
100 to 2000 MHz (100 MHz STEP)
(IC = 5mA)
(IC = 20mA)
100 to 2000 MHz (100 MHz STEP)
(IC = 5mA)
(IC = 20mA)
100 to 2000 MHz (100 MHz STEP)
(IC = 5mA)
(IC = 20mA)
S11 Parameter vs. Frequency
S21 Paramter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition :
Condition :
Condition :
Condition :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com