Electronic Components Datasheet Search
  English  ▼

X  

2SC5702 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5702 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button 2SC5702 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 10Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 11Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 12Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 13Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 14Page - Hitachi Semiconductor 2SC5702 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2SC5702
11
Sparameter (V
CE = 2 V, IC = 5 mA, Zo =50 Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.837
-25.5
14.31
161.2
0.0306
75.8
0.938
-18.2
200
0.739
-50.1
12.50
143.5
0.0559
63.3
0.813
-34.5
300
0.646
-72.1
10.58
129.9
0.0736
55.0
0.674
-46.5
400
0.565
-88.6
8.85
120.2
0.0848
51.0
0.563
-54.9
500
0.513
-103.4
7.58
112.7
0.0928
48.7
0.476
-61.1
600
0.466
-114.0
6.56
106.9
0.0996
47.7
0.405
-66.1
700
0.444
-125.7
5.77
102.1
0.1055
48.0
0.351
-69.5
800
0.429
-133.3
5.17
98.1
0.1106
48.5
0.307
-72.7
900
0.412
-142.2
4.62
94.1
0.1162
49.2
0.269
-76.1
1000
0.411
-148.8
4.22
91.1
0.1214
50.0
0.239
-78.3
1100
0.395
-155.5
3.87
88.6
0.1276
51.2
0.215
-80.7
1200
0.410
-161.6
3.57
85.7
0.1331
52.3
0.192
-84.0
1300
0.401
-165.3
3.34
83.6
0.1387
53.4
0.171
-86.6
1400
0.413
-172.1
3.08
81.4
0.1447
54.6
0.156
-88.9
1500
0.417
-174.3
2.94
79.1
0.1510
55.8
0.139
-92.9
1600
0.415
-179.2
2.75
77.4
0.1579
56.4
0.128
-95.6
1700
0.431
177.8
2.63
75.0
0.1644
57.6
0.117
-100.4
1800
0.426
175.2
2.50
73.8
0.1709
58.4
0.106
-105.7
1900
0.447
171.4
2.38
71.8
0.1781
59.6
0.097
-112.2
2000
0.450
169.9
2.28
70.1
0.1850
60.2
0.090
-118.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com