Electronic Components Datasheet Search
  English  ▼

X  

IXFC52N30P Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFC52N30P
Description  PolarHTTM HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC52N30P Datasheet(HTML) 5 Page - IXYS Corporation

  IXFC52N30P Datasheet HTML 1Page - IXYS Corporation IXFC52N30P Datasheet HTML 2Page - IXYS Corporation IXFC52N30P Datasheet HTML 3Page - IXYS Corporation IXFC52N30P Datasheet HTML 4Page - IXYS Corporation IXFC52N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2003 IXYS All rights reserved
Fig. 13. Maxim um Transient Therm al Resistance
0.01
0.10
1.00
10.00
0.1
1
10
100
1000
Pulse Width - milliseconds
Fig. 12. Forw ard-Bias Safe
Operating Area
1
10
100
1000
10
100
1000
V
D S - Volts
25µs
1ms
DC
T
C = 25ºC
T
J =15 0ºC
R
DS(on) Limit
10ms
100ms
Fig. 6. Drain Current vs. Case
Tem perature
0
3
6
9
12
15
18
21
24
27
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
IXFC 52N30P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com