Electronic Components Datasheet Search
  English  ▼

X  

IXFC52N30P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC52N30P
Description  PolarHTTM HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC52N30P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC52N30P Datasheet HTML 1Page - IXYS Corporation IXFC52N30P Datasheet HTML 2Page - IXYS Corporation IXFC52N30P Datasheet HTML 3Page - IXYS Corporation IXFC52N30P Datasheet HTML 4Page - IXYS Corporation IXFC52N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2003 IXYS All rights reserved
G = Gate
D = Drain
S = Source
TAB = Drain
DS99115A(04/05)
PolarHTTM
HiPerFET
Power MOSFET
IXFC52N30P
V
DSS
= 300
V
I
D25
=
32
A
R
DS(on)
=
75 m
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
N-Channel Enhancement Mode
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
300
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.5
5.0
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
65
75
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
300
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
300
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C32
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
150
A
I
AR
T
C
= 25
°C52
A
E
AR
T
C
= 25
°C30
mJ
E
AS
T
C
= 25
°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 4 Ω
P
D
T
C
= 25
°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS, t = 1minute, leads-to-tab
2500
V~
F
C
Mounting Force
11..65/2.5..15
N/lb
Weight
ISOPLUS220
2.0
g
ISOPLUS220TM(IXFC)
E153432
G
D
S


Similar Part No. - IXFC52N30P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC52N30P ISC-IXFC52N30P Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
PolarHT Power MOSFET HiPerFET
More results

Similar Description - IXFC52N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXTK200N10P IXYS-IXTK200N10P Datasheet
564Kb / 5P
PolarHTTM Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXTQ88N30P IXYS-IXTQ88N30P Datasheet
329Kb / 5P
PolarHTTM Power MOSFET
IXTK180N15P IXYS-IXTK180N15P Datasheet
168Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTK150N15P IXYS-IXTK150N15P Datasheet
258Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTQ150N06P IXYS-IXTQ150N06P Datasheet
154Kb / 5P
PolarHTTM Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com