Electronic Components Datasheet Search
  English  ▼

X  

M29W008ET Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 2Page - STMicroelectronics M29W008ET Datasheet HTML 3Page - STMicroelectronics M29W008ET Datasheet HTML 4Page - STMicroelectronics M29W008ET Datasheet HTML 5Page - STMicroelectronics M29W008ET Datasheet HTML 6Page - STMicroelectronics M29W008ET Datasheet HTML 7Page - STMicroelectronics M29W008ET Datasheet HTML 8Page - STMicroelectronics M29W008ET Datasheet HTML 9Page - STMicroelectronics M29W008ET Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
1 Summary description
M29W008ET, M29W008EB
6/43
1
Summary description
The M29W008E is a 8 Mbit (1Mb x 8) non-volatile Flash memory that can be read, erased at
block, multi-block or chip level and programmed at Byte level. These operations are performed
using a single 2.7V to 3.6V VCC supply voltage. For Program and Erase operations the
necessary high voltages are generated internally. The device can also be programmed using
standard programming equipment.
The memory is divided into blocks that are asymmetrically arranged. Both M29W008ET and
M29W008EB devices have an array of 19 blocks composed of one Boot Block of 16 KBytes,
two Parameter Blocks of 8 KBytes, one Main Block of 32 KBytes and fifteen Main Blocks of 64
KBytes. In the M29W008ET, the Boot Block is located at the top of the memory address space
while in the M29W008EB, it is located at the bottom. The memory maps are showed in
Figure 4: Block Addresses (Top Boot Block) and Figure 5: Block Addresses (Bottom Boot
Block). Each block can be erased and reprogrammed independently so it is possible to
preserve valid data while old data is erased. Program and Erase commands are written to the
Command Interface of the memory. An on-chip Program/Erase Controller simplifies the
process of programming or erasing the memory by taking care of all of the special operations
that are required to update the memory contents. The end of a program or erase operation can
be detected and any error conditions identified. Erase operations in one block can be
temporarily suspended in order to read from or program in blocks that are not being erased.
Each block can be programmed and erased over 100,000 cycles.
Each block can be protected independently to prevent accidental Program or Erase commands
from modifying the memory. All previously protected blocks can be temporarily unprotected.
In order to meet environmental requirements, ST offers this device in a TSOP40 (10 x 20mm)
ECOPACK® package. ECOPACK® packages are Lead-free and RoHS compliant. The category
of second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK
specifications are available at: www.st.com.
The device is offered in package and supplied with all the bits erased (set to ’1’).
Table 1.
Signal Names
A0-A19
Address Inputs
DQ0-DQ7
Data Input/Outputs, Command Inputs
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Block Temporary Unprotect
RB
Ready/Busy Output
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com