Electronic Components Datasheet Search
  English  ▼

X  

M29W008ET Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 15Page - STMicroelectronics M29W008ET Datasheet HTML 16Page - STMicroelectronics M29W008ET Datasheet HTML 17Page - STMicroelectronics M29W008ET Datasheet HTML 18Page - STMicroelectronics M29W008ET Datasheet HTML 19Page - STMicroelectronics M29W008ET Datasheet HTML 20Page - STMicroelectronics M29W008ET Datasheet HTML 21Page - STMicroelectronics M29W008ET Datasheet HTML 22Page - STMicroelectronics M29W008ET Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
M29W008ET, M29W008EB
4 Command interface
19/43
Table 4.
Program, Erase Times and Program, Erase Endurance Cycles
Parameter
Min
Typ(1)(2)
1.
Typical values measured at room temperature and nominal voltages.
2.
Sampled, but not 100% tested.
Max(2)
Unit
Chip Erase
12
60(3)
3.
Maximum value measured at worst case conditions for both temperature and VCC after 100,00 program/erase cycles.
s
Block Erase (64 KBytes)
0.8
6(4)
4.
Maximum value measured at worst case conditions for both temperature and VCC.
s
Erase Suspend Latency Time
15
25(3)
µs
Program (Byte)
10
200(3)
µs
Chip Program (Byte by Byte)
12
60(3)
s
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com