Electronic Components Datasheet Search
  English  ▼

X  

LT6220CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6220CS8
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6220CS8 Datasheet HTML 7Page - Linear Technology LT6220CS8 Datasheet HTML 8Page - Linear Technology LT6220CS8 Datasheet HTML 9Page - Linear Technology LT6220CS8 Datasheet HTML 10Page - Linear Technology LT6220CS8 Datasheet HTML 11Page - Linear Technology LT6220CS8 Datasheet HTML 12Page - Linear Technology LT6220CS8 Datasheet HTML 13Page - Linear Technology LT6220CS8 Datasheet HTML 14Page - Linear Technology LT6220CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6220/LT6221/LT6222
11
sn622012 622012fs
TYPICAL PERFOR A CE CHARACTERISTICS
Input Current Noise vs Frequency
0.1Hz to 10Hz Output Voltage Noise
Gain Bandwidth and Phase
Margin vs Supply Voltage
FREQUENCY (kHz)
1.0
2.0
3.0
0.5
1.5
2.5
0.01
1
10
100
622012 G19
0
0.1
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
TIME (SECONDS)
0
800
600
400
200
0
–200
–400
–600
–800
8
622012 G20
246
10
7
135
9
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
50
70
90
8
622012 G21
60
80
20
40
60
70
30
50
2
1
4
3
67
9
5
10
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
TA = 25°C
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (°C)
–55
50
70
90
65
622012 G22
60
40
70
60
80
50
30
20
–25
5
35
95
125
VS = ±2.5V
VS = ±2.5V
GAIN BANDWIDTH PRODUCT
PHASE MARGIN
VS = ±5V
VS = ±5V
FREQUENCY (Hz)
10k
20
30
40
50
60
100k
1M
10M
100M
622012 G23
10
0
–10
–20
70
80
0
20
40
60
80
–20
–40
–60
–80
100
120
VS = ±5V
PHASE
GAIN
VS = ±5V
VS = ±2.5V
VS = ±2.5V
TEMPERATURE (°C)
–55
15
20
25
30
–25
535
65
622012 G24
95
125
AV = –1
RF = RG = 1k
RL = 1k
VS = ±5V
VS = ±2.5V
Gain and Phase vs Frequency
Slew Rate vs Temperature
Gain vs Frequency (AV = 1)
Output Impedance vs Frequency
FREQUENCY (MHz)
0.1
–3
0
3
6
9
1
10
100
622012 G25
–6
–9
–12
–15
12
15
AV = 1
CL = 10pF
RL = 1k
VS = ±5V
VS = ±2.5V
Gain vs Frequency (AV = 2)
FREQUENCY (MHz)
0.1
–3
0
3
6
9
1
10
100
622012 G26
–6
–9
–12
–15
12
15
AV = 2
RF = RG = 1k
CF = 20pF
CL = 10pF
RL = 1k
VS = ±5V
VS = ±2.5V
FREQUENCY (MHz)
0.01
0.1
10
1
0.1
1
10
620012 G27
0.001
1000
100
100
VS = ±2.5V
AV = 10
AV = 1
AV = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com