Electronic Components Datasheet Search
  English  ▼

X  

LT6220CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6220CS8
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6220CS8 Datasheet HTML 12Page - Linear Technology LT6220CS8 Datasheet HTML 13Page - Linear Technology LT6220CS8 Datasheet HTML 14Page - Linear Technology LT6220CS8 Datasheet HTML 15Page - Linear Technology LT6220CS8 Datasheet HTML 16Page - Linear Technology LT6220CS8 Datasheet HTML 17Page - Linear Technology LT6220CS8 Datasheet HTML 18Page - Linear Technology LT6220CS8 Datasheet HTML 19Page - Linear Technology LT6220CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT6220/LT6221/LT6222
17
sn622012 622012fs
PACKAGE DESCRIPTIO
DD Package
8-Lead Plastic DFN (3mm × 3mm)
(Reference LTC DWG # 05-08-1698)
PACKAGE DESCRIPTIO
and the output of the lower path is:
+OUT = 3 • (2/3 • VICM + 1/3 • VOCM) – 2
• (VICM – VDIFF/2)
= 2VICM + VOCM – 2VICM + VDIFF
= VOCM + VDIFF
Note that the input common mode voltage does not appear
in the output as either a common mode or a difference
mode term. However the voltage VOCM does appear in the
output terms, and with the same polarity, so it sets up the
output DC level. Also, the differential input voltage VDIFF
appears fully at both outputs with opposite polarity, giving
rise to the effective differential gain of 2. Calculations show
that using 1% resistors gives worst-case input common
mode feedthrough better than –31dB, whether looking at
the output common mode or difference mode. Consider-
ing the 6dB of gain, worst-case common mode rejection
ratio is 37dB. (Remember this is assuming 1% resistors.
Of course, this can be improved with more precise resis-
tors.) Results achieved on the bench with typical 1%
resistors showed 67dB of CMRR at low frequency and
40dB CMRR at 1MHz. Gains other than 2 can be achieved
by setting R3 = α • (R1||R2), R5 = α• R4 and R7 = α • R6
where gain = α.
3.00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON TOP AND BOTTOM OF PACKAGE
0.38 ± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ± 0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
2.38 ±0.10
(2 SIDES)
1
4
8
5
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(DD8) DFN 1203
0.25 ± 0.05
2.38 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.15 ±0.05
0.50
BSC
0.675 ±0.05
3.5 ±0.05
PACKAGE
OUTLINE
0.25 ± 0.05
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com