Electronic Components Datasheet Search
  English  ▼

X  

MAX4686 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4686
Description  2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4686 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4686 Datasheet HTML 1Page - Maxim Integrated Products MAX4686 Datasheet HTML 2Page - Maxim Integrated Products MAX4686 Datasheet HTML 3Page - Maxim Integrated Products MAX4686 Datasheet HTML 4Page - Maxim Integrated Products MAX4686 Datasheet HTML 5Page - Maxim Integrated Products MAX4686 Datasheet HTML 6Page - Maxim Integrated Products MAX4686 Datasheet HTML 7Page - Maxim Integrated Products MAX4686 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2.5
Ω, Low-Voltage, SPST/SPDT
Analog Switches in UCSP Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +3.3V, VIH = +1.4V, VIL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at 3V and TA = +25
°C.)
(Notes 3, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
V+, IN .......................................................................-0.3V to +6V
COM, NO, NC (Note1)..................................-0.3V to (V+ + 0.3V)
Continuous Current NO, NC, COM ................................±100mA
Peak Current NO, NC, COM
(pulsed at 1ms, 10% duty cycle) ...............................±200mA
Continuous Power Dissipation (TA = +70°C)
3 x 2 UCSP (derate 10.1mW/°C at +70°C) ..................808mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Bump Reflow Temperature .............................................+235°C
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM, VNO,
VNC
TMIN to
TMAX
0V+
V
+25°C
1.5
2.5
On-Resistance
RON
V+ = 2.7V, VNC = 0 to V+,
ICOM = 10mA
TMIN to
TMAX
3.5
Ω
+25°C
0.3
0.4
On-Resistance Match
Between Channels
(MAX4688 only)
(Note 5)
∆RON
V+ = 2.7V, VNO or VNC = 1.5V,
ICOM = 10mA
TMIN to
TMAX
0.5
Ω
+25°C
0.5
1
On-Resistance Flatness
(Note 6)
RFLAT(ON)
V+ = 2.7V, VNO or VNC = 0 to V+,
ICOM = 10mA
TMIN to
TMAX
1
Ω
+25°C
-0.5
±0.01
+0.5
NO, NC Off-Leakage
Current (Note 7)
INO(OFF),
INC(OFF)
V+ = 3.3V; VCOM = 0.3V or 3V;
VNO or VNC = 3V, 0.3V
TMIN to
TMAX
-1
1
nA
+25°C
-0.5
±0.01
0.5
COM Off-Leakage
Current (Note 7)
ICOM_(OFF)
V+ = 3.3V; VCOM = 0.3V or 3V;
VNO or VNC = 3V, 0.3V
TMIN to
TMAX
-1
1
nA
+25°C
-0.5
±0.01
0.5
COM On-Leakage
Current (Note 7)
ICOM_(ON)
V+ = 3.3V; VCOM = 3V or 0.3V;
VNO or VNC = 3V, 0.3V, or floating
TMIN to
TMAX
-1
1
nA
DYNAMIC CHARACTERISTICS
+25°C20
30
Turn-On Time (Note 7)
tON
VNO or VNC = 1.5V, Figure 2
TMIN to
TMAX
35
ns
Note 1: Signals on NO, NC, and COM exceeding V+ are clamped by an internal diode. Limit forward-diode current to maximum cur-
rent rating.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is requied. Hand or wave soldering is not allowed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com