Electronic Components Datasheet Search
  English  ▼

X  

MAX4686 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4686
Description  2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4686 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4686 Datasheet HTML 1Page - Maxim Integrated Products MAX4686 Datasheet HTML 2Page - Maxim Integrated Products MAX4686 Datasheet HTML 3Page - Maxim Integrated Products MAX4686 Datasheet HTML 4Page - Maxim Integrated Products MAX4686 Datasheet HTML 5Page - Maxim Integrated Products MAX4686 Datasheet HTML 6Page - Maxim Integrated Products MAX4686 Datasheet HTML 7Page - Maxim Integrated Products MAX4686 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2.5
Ω, Low-Voltage, SPST/SPDT
Analog Switches in UCSP Package
4
_______________________________________________________________________________________
0
6
3
12
9
15
18
-40
10
-15
35
60
85
TURN-ON/OFF TIME vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = +3V
1000
100
10
1
0.1
-40
10
-15
35
60
85
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +3V
INOOFF,
INCOFF
ICOMON
80
60
40
20
0
02
1
345
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = +5V
V+ = +3V
0
4
2
8
6
10
12
02
3
1
456
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.0
2.0
1.5
3.0
2.5
3.5
4.0
02
13
4
5
ON-RESISTANCE vs. VCOM
VCOM (V)
V+ = +2.7V
V+ = +3.3V
V+ = +5V
V+ = +1.8V
0.5
1.0
2.0
1.5
2.5
3.0
0
1.0
0.5
1.5
2.0
2.5
3.0
ON-RESISTANCE vs. VCOM (V+ = +3V)
VCOM (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0.5
1.1
0.9
0.7
1.3
1.5
1.7
1.9
2.1
2.3
2.5
02
1
345
ON-RESISTANCE vs. VCOM (V+ = +5V)
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
0.5
1.0
1.5
2.0
1.5
2.5
3.5
4.5
2.0
3.0
4.0
5.0
5.5
LOGIC THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
V+ (V)
VIN FALLING
VIN RISING
0
10
5
20
15
30
25
35
13
2
456
TURN-ON/OFF TIME vs. SUPPLY VOLTAGE
V+ (V)
tOFF
tON
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com