Electronic Components Datasheet Search
  English  ▼

X  

LV321 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LV321
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321 Datasheet(HTML) 3 Page - Unisonic Technologies

  LV321 Datasheet HTML 1Page - Unisonic Technologies LV321 Datasheet HTML 2Page - Unisonic Technologies LV321 Datasheet HTML 3Page - Unisonic Technologies LV321 Datasheet HTML 4Page - Unisonic Technologies LV321 Datasheet HTML 5Page - Unisonic Technologies LV321 Datasheet HTML 6Page - Unisonic Technologies LV321 Datasheet HTML 7Page - Unisonic Technologies LV321 Datasheet HTML 8Page - Unisonic Technologies LV321 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LV321
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 10
www.unisonic.com.tw
QW-R105-036.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VSS
2.7 ~ 5.5
V
Supply Voltage (V
+- V-)
VSS
5.5
V
Differential Input Voltage
VI(DIFF)
±Supply Voltage
V
+
(Note 2)
Output Short Circuit
V
-
IO(SC)
(Note 3)
Infrared (15 sec)
215
°C
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Shorting output to V+ will adversely affect reliability.
3. Shorting output to V- will adversely affect reliability
T H ERM AL DAT A
PARAMETER
SYMBOL
RATING
UNIT
SOT-25
265
°C/W
Junction to Ambient
SOT-353
θJA
478
°C/W
2 .7 V ELECT RI CAL CH ARACT ERI ST I CS
All limits guaranteed for TJ =25°C, V
+=2.7V, V-=0V, V
CM=1.0V, VOUT =V
+/2 and R
L
>1MΩ, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VOS
1.7
7
mV
0
-0.2
V
Input Common Mode Voltage Range
VCM
For CMRR
≥50dB
1.7
1.9
V
V
+-100 V+-25
mV
Output Swing
VOUT
RL=10k
Ω to 1.35V
15
100
mV
Input Offset Voltage Average Drift
TCVos
5
µV/
C
Input Bias Current
II(BIAS)
11
250
nA
Input Offset Current
II(OFF)
5
50
nA
Common Mode Rejection Ratio
CMRR
0V
≤VCM≤1.7V
50
63
dB
Power Supply Rejection Ratio
PSRR
2.7V
≤V+ ≤5V, VOUT =1V
50
60
dB
Supply Current
ISS
80
170
µA
AC CHARACTERISTICS
Gain Bandwidth Product
GBWP
CL=200pF
1
MHz
Phase Margin
Φm
60
Deg
Gain Margin
Gm
10
dB
Input Referred Voltage Noise
eN
F=1kHz
46
nV
 Hz
Input Referred Current Noise
in
F=1kHz
0.17
pA
 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com